Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC103M2 Datasheet(PDF) 1 Page - E+E Elektronik Ges.m.b.H

Part # HC103M2
Description  Very Fast Humidity Sensor for Radiosondes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HC103M2 Datasheet(HTML) 1 Page - E+E Elektronik Ges.m.b.H

  HC103M2 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HC103M2 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.epluse.com
v1.4 / Modification rights reserved
HC103M2
HC103M2
Very Fast Humidity Sensor for Radiosondes
Nominal capacitance C0 (at 30 °C / 86°F)
160 ± 40 pF
Sensitivity
0.55 pF / %RH
Working range Humidity
0...100 %RH
Temperature
-80...60 °C (-112...140 °F)
Linearity error (0...98 %RH)
< ±2 %RH
Hysteresis
1.9 ± 0.25 %RH
Response time RH t63
Temperature dependence
1)
dC = -0.0019*RH*(T-30 °C) [pF]
Loss tangent
< 0.05
Maximum supply voltage
5 V max (VPP)
Maximum DC voltage
< 5 mV
Operating frequency
10...100 kHz, recommended 20 kHz
1) more details for t < -20 °C (68 °F) on request
Technical Data
HC103M2 is a capacitive humidity sensor with very short response
time even at very low temperature. By this, the sensor is ideal for
accurate measurement in the upper atmosphere with radiosondes
and weather balloons.
The sensor is manufactured in state of the art thin film technology
and is appropriate for SMD assembly. The design and the choice of
materials lead to excellent linearity, high sensitivity and reproducible
temperature dependence, which facilitate considerably the design in.
HC103M2 is supplied on tape and reel appropriate for standard
SMD assembly machines.
Radiosondes
Weather observation
Very short response time
High sensitivity and outstanding linearity
Reproducible temperature dependence
Typical Applications
Features
Sensor Characteristic
The average capacitance increases over the working range is
around 55 pF.
The following linear approximation of the caracteristic over the
range 0–98 %RH leads to errors lower than < ±2 %RH.
C(RH) = C0 * [1+HC0 * RH]
with HC0 = 3420 ± 250 ppm /% RH
relative humidity [% RH]
1


Similar Part No. - HC103M2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC103M2 ETC2-HC103M2 Datasheet
249Kb / 2P
Fast High End Humidity Sensors for Radiosondes / Registering Balloons
More results

Similar Description - HC103M2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232269190001 VISHAY-232269190001 Datasheet
122Kb / 1P
Humidity Sensor
10-Oct-03
logo
List of Unclassifed Man...
HC103M2 ETC2-HC103M2 Datasheet
249Kb / 2P
Fast High End Humidity Sensors for Radiosondes / Registering Balloons
logo
RFE international
HCZ-H6 RFE-HCZ-H6 Datasheet
215Kb / 2P
HUMIDITY SENSOR
logo
TDK Electronics
CHS-CGC5-28 TDK-CHS-CGC5-28 Datasheet
175Kb / 11P
Humidity Sensor
logo
Vishay Siliconix
238169190001 VISHAY-238169190001 Datasheet
135Kb / 2P
Humidity Sensor
24-Jun-09
logo
ALPS ELECTRIC CO.,LTD.
HSHCAA006A ALPS-HSHCAA006A Datasheet
356Kb / 10P
Humidity Sensor
HSHCAA106E ALPS-HSHCAA106E Datasheet
331Kb / 7P
Humidity Sensor
HSHCAA114A ALPS-HSHCAA114A Datasheet
1Mb / 7P
Humidity Sensor
logo
E+E Elektronik Ges.m.b....
EE211 EPLUSE-EE211 Datasheet
1Mb / 9P
Humidity and Temperature Sensor for Continuous High Humidity
09-2022
HMC03M EPLUSE-HMC03M Datasheet
694Kb / 2P
Heated Humidity Sensor for Radiosondes and Weather Balloons
v1.3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com