Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACPDQC3V3C-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDQC3V3C-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDQC3V3C-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACPDQC3V3C-HF Datasheet HTML 1Page - Comchip Technology ACPDQC3V3C-HF Datasheet HTML 2Page - Comchip Technology ACPDQC3V3C-HF Datasheet HTML 3Page - Comchip Technology ACPDQC3V3C-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACPDQC3V3C-HF
SMD ESD Protection Diode
Mechanical data
- Case: 0402C/SOD-923F standard package,
molded plastic.
- Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
- Mounting position: Any.
- Weight: 0.001 grams (approx.).
Comchip Technology CO., LTD.
RoHS Device
Halogen Free
Circuit Diagram
Maximum Rating ( at TA=25°C unless otherwise noted )
kV
A
W
±20
5
65
VESD
IPP
PPP
°C
-55 to +125
-55 to +125
TJ
Operating temperature range
Peak pulse current
Peak pulse power
Parameter
Symbol
Value
Unit
ESD capability
Storage temperature range
TSTG
°C
Conditions
TP = 8/20µs
TP = 8/20µs
IEC 61000-4-2(Air)
IEC 61000-4-2(Contact)
Electrical Characteristics ( at TA=25°C unless otherwise noted )
Dimensions in inches and (millimeter)
0402C/SOD-923F
0.022(0.55)
0.018(0.45)
0.001(0.02)
Max.
0.041(1.05)
0.037(0.95)
0.026(0.65)
BSC.
0.012(0.30)
0.008(0.20)
0.022(0.55)
0.018(0.45)
0.026(0.65)
0.022(0.55)
Features
- Bi-directional ESD protection.
- Surface mount package.
- Ultra small SMD package:0402C.
- High component density.
- IEC 61000-4-2 (ESD) ; ±20 KV (Contact)
- ESD rating of Class 3B per Human Body Mode.
- AEC-Q101 Qualified.
V
V
3.3
VPT
VRWM
Punch-through voltage
Working peak reverse voltage
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
IPT = 2uA
Snap-back voltage
ISB = 50mA
VSB
Reverse leakage current
VRWM = 3.3V
V
IR
2.8
Clamping voltage
IPP = 1 A, Tp = 8/20µs
VC
V
0.5
0.05
3.5
8
µA
IPP = 5 A, Tp = 8/20µs
VC
V
13
Junction capacitance
VR = 0 V, f = 1MHz
CJ
pF
6
6
V
3.6
Diode breakdown voltage
IT = 1mA
VBR
High-Reliability and High-Performance
REV:C
Page 1
AQW-G7026


Similar Part No. - ACPDQC3V3C-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDQC3V3A-HF COMCHIP-ACPDQC3V3A-HF Datasheet
473Kb / 4P
SMD ESD Protection Diode
REV:B
ACPDQC3V3AU-HF COMCHIP-ACPDQC3V3AU-HF Datasheet
479Kb / 4P
SMD ESD Protection Diode
REV:A
ACPDQC3V3HT-HF COMCHIP-ACPDQC3V3HT-HF Datasheet
473Kb / 4P
SMD ESD Protection Diode
REV:B
ACPDQC3V3PHT-HF COMCHIP-ACPDQC3V3PHT-HF Datasheet
520Kb / 4P
SMD ESD Protection Diode
REV:A
ACPDQC3V3R-HF COMCHIP-ACPDQC3V3R-HF Datasheet
474Kb / 4P
SMD ESD Protection Diode
REV:C
More results

Similar Description - ACPDQC3V3C-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com