Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACPDUC5V0USP-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDUC5V0USP-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDUC5V0USP-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACPDUC5V0USP-HF Datasheet HTML 1Page - Comchip Technology ACPDUC5V0USP-HF Datasheet HTML 2Page - Comchip Technology ACPDUC5V0USP-HF Datasheet HTML 3Page - Comchip Technology ACPDUC5V0USP-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ACPDUC5V0USP-HF
SMD ESD Protection Diode
Page 1
AQW-G7013
REV:B
Comchip Technology CO., LTD.
RoHS Device
Halogen Free
Company reserves the right to improve product design , functions and reliability without notice.
Mechanical data
- Case: 0603C/SOD-523F standard package,
molded plastic.
- Terminals: Matte tin plated, Solderable per
MIL-STD-750, Method 2026.
- Marking Code: Cathode band & E5P
- Mounting position: Any.
- Weight: 0.003 grams (approx.).
Circuit Diagram
High-Reliability and High-Performance
Features
- Uni-directional ESD protection.
- Surface mount package.
- Low capacitance.
- High component density.
- Low Leakage current.
- AEC-Q101 Qualified.
Dimensions in inches and (millimeter)
0603C/SOD-523F
0.071(1.80)
0.063(1.60)
0.039(1.00)
0.031(0.80)
0.022(0.55)
0.018(0.45)
0.001(0.02)
Max.
0.022(0.55)
0.016(0.40)
0.043(1.10)BSC
0.030(0.75)
0.026(0.65)
Maximum Rating (at TA=25°C unless otherwise noted)
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Conditions
Peak pulse power
PPP
W
60
Operating temperature range
Tj
°C
Storage temperature range
TSTG
-55~+150
°C
ESD
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
ESD capability
-55~+150
Peak pulse current
IPP
A
TP = 8/20µs
3
TP = 8/20µs
±15
±8
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Diode breakdown voltage
VBR
V
IT = 1mA
5.4
Reverse current
IR
µA
VRWM = 5V
1.0
Clamping voltage
VC
V
13
IPP = 1A, TP = 8/20µs
IPP = 3A, TP = 8/20µs
20
V
Working peak reverse voltage
VRWM
5
Junction capacitance
0.9
CJ
pF
VR = 0V, f = 1MHz
Forward voltage
VF
V
IF = 10mA
1.5
0.6
0.1


Similar Part No. - ACPDUC5V0USP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDUC5V0U-HF COMCHIP-ACPDUC5V0U-HF Datasheet
107Kb / 4P
SMD ESD Protection Diode
ACPDUC5V0UESPC-HF COMCHIP-ACPDUC5V0UESPC-HF Datasheet
473Kb / 4P
SMD ESD Protection Diode
REV:A
More results

Similar Description - ACPDUC5V0USP-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com