Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACPDZC5V0SPC-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACPDZC5V0SPC-HF
Description  SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDZC5V0SPC-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACPDZC5V0SPC-HF Datasheet HTML 1Page - Comchip Technology ACPDZC5V0SPC-HF Datasheet HTML 2Page - Comchip Technology ACPDZC5V0SPC-HF Datasheet HTML 3Page - Comchip Technology ACPDZC5V0SPC-HF Datasheet HTML 4Page - Comchip Technology ACPDZC5V0SPC-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Peak Pulse Current, IPP (A)
2.0
0
5
10
15
1.5
1
20
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Breakdown voltage
VBR
V
IT = 1mA
6
Reverse leakage current
IR
nA
VRWM = 5V
50
Clamping voltage
VC
V
IPP = 1A, TP = 8/20µs
IPP = 2A, TP = 8/20µs (Note 1)
V
Working peak reverse voltage
VRWM
5
Dynamic resistance
RDYN
9
1.1
1
11
14
Clamping voltage
VCL
V
IPP = 8A, TP = 100ns
IPP = 16A, TP = 100ns
21
30
Junction capacitance
CJ
pF
VR = 0V, f = 1MHz
0.2
SMD ESD Protection Diode
Electrical Characteristics (at TA=25°C unless otherwise noted)
0.00
0.15
0.20
0
1
2
4
3
Reverse Voltage, (V)
0.25
0%
20%
40%
60%
80%
100%
120%
Ta=25°C
Peak Value Ipp
e-t
td= t Ipp/2
5
0.05
0.10
Rating and Characteristic Curves (ACPDZC5V0SPC-HF)
Notes: 1. Non-repetitive current pulse 8/20µs exponential decay waveform according to IEC 61000-4-5
.
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Ω
REV:A
Page 2
AQW-G7033
0
25
50
75
100
125
0
20
40
60
80
100
120
Test Waveform
parameters
tf = 8µs
td = 20µs
0
5
10
15
20
25
30
Fig.3 - Capacitance Between
Terminals Characteristics
Fig.4 - Clamping Voltage Vs.
Peak Pulse Current
Fig.2 - Power Rating Derating Curve
Fig.1 - 8/20µs Peak Pulse Current
Waveform Acc. IEC 61000-4-5
Time, (µs)
Ambient Temperature, (°C)
8/20µs waveform
f=1MHz
TA=25°C
Mounting on glass epoxy PCBs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com