Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPDZC3V3HT-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CPDZC3V3HT-HF
Description  SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDZC3V3HT-HF Datasheet(HTML) 3 Page - Comchip Technology

  CPDZC3V3HT-HF Datasheet HTML 1Page - Comchip Technology CPDZC3V3HT-HF Datasheet HTML 2Page - Comchip Technology CPDZC3V3HT-HF Datasheet HTML 3Page - Comchip Technology CPDZC3V3HT-HF Datasheet HTML 4Page - Comchip Technology CPDZC3V3HT-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Fig.6 - +8kV Contact IEC 61000-4-2
SMD ESD Protection Diode
-6
-4
2
4
Fig.5 - Curve Trace
-6
Forced Voltage, (V)
6
0
6
-2
2
-2
0
4
-4
Fig.7 - -8kV Contact IEC 61000-4-2
Rating and Characteristic Curves (CPDZC3V3HT-HF)
Page 3
QW-G7122
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com