Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

POE-MSPLT-USB Datasheet(PDF) 1 Page - Tycon Systems, Inc.

Part # POE-MSPLT-USB
Description  PoE Splitter / Voltage Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

POE-MSPLT-USB Datasheet(HTML) 1 Page - Tycon Systems, Inc.

  POE-MSPLT-USB Datasheet HTML 1Page - Tycon Systems, Inc. POE-MSPLT-USB Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PoE Splitter / Voltage Converter
Features
• Very Compact Size
• Converts an Active PoE Input to a DC output
• Various Output Voltages and USB Available
• Output Power Up To 15W
• Short Circuit, Over Current Protection
Description
The POE-MSPLT line of dynamic splitters are compact Power over Ethernet adapters which splits the Data and PoE
power onto separate output connectors and converts the active PoE (IEEE802.3af/at) input into a regulated DC output
voltage. The DC output is provided on a standard 5.5mm/2.5mm barrel connector and the Data output is provided on
standard RJ45 network connector, each on a dedicated
6” cable. In addition to being compatible with 10/100MB
Ethernet speeds, inputs and outputs are isolated and the devices include protections for short circuit and overload.
The unique POE-MSPLT-USB provides a USB output to power smartphones and tablets from PoE devices like
network switches or PoE injectors. This device has no data output.
Specifications
POE-MSPLT-
4805
POE-MSPLT-
4809
POE-MSPLT-
4812
POE-MSPLT-
4824
POE-MSPLT-
USB
Output Voltage
5VDC
9VDC
12VDC
24VDC
5VDC USB
Output Current
2.4A
1.34A
1A
0.5A
3A
Output Power
12W
12W
12W
12W
15W
DC Output Connector
5.5mm / 2.5mm Barrel Connector
– Compatible with 2.1mm also
USB Socket
Data Output Connector
RJ45
None
Output Cable Length
153mm (6”)
Load Reg & Noise
5%
Line Reg & Ripple
1%
PoE Input (RJ45)
IEEE 802.3af/at or Passive PoE (36
– 60VDC)
Ethernet Speed
10/100MB
Efficiency
75% Min
EMC Standards
FCC Class B NE55022 Class B
MTBF
183,911 Hrs
Isolation Voltage
1500VDC
Isolation Resistance
100M Ohms Minimum
Operating Temperature
-25 to +50°C (-13 to +122°F)
Operating Humidity
5% - 90% non-condensing
Storage Temperature
-40 to +80°C (-40 to +176°F)
Dimensions (LxWxH)
65 x 45 x 26mm (2.6 x 1.8
x 1”)
Weight
62g (2.2oz)
DATA SHEET
POE-MSPLT-xx
POE-MSPLT-48xx
PoE Converter/Splitter


Similar Part No. - POE-MSPLT-USB

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
POE-MSPLT-48 TYCONSYSTEMS-POE-MSPLT-48 Datasheet
414Kb / 2P
PoE Splitter / Voltage Converter
POE-MSPLT-4812P TYCONSYSTEMS-POE-MSPLT-4812P Datasheet
414Kb / 2P
PoE Splitter / Voltage Converter
POE-MSPLT-4812P-F TYCONSYSTEMS-POE-MSPLT-4812P-F Datasheet
414Kb / 2P
PoE Splitter / Voltage Converter
POE-MSPLT-4824P TYCONSYSTEMS-POE-MSPLT-4824P Datasheet
414Kb / 2P
PoE Splitter / Voltage Converter
POE-MSPLT-4824P-F TYCONSYSTEMS-POE-MSPLT-4824P-F Datasheet
414Kb / 2P
PoE Splitter / Voltage Converter
More results

Similar Description - POE-MSPLT-USB

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2701PSI ADVANTECH-EKI-2701PSI Datasheet
213Kb / 1P
Industrial PoE Splitter with Wide Temperature
logo
Level One
POS-1001 LVL1-POS-1001 Datasheet
559Kb / 3P
5-12V DC Gigabit PoE Splitter
POS-1002 LVL1-POS-1002 Datasheet
707Kb / 3P
5-12V DC PoE Splitter
POS-4000 LVL1-POS-4000 Datasheet
1Mb / 3P
High Power PoE Splitter 12V
POS-4001 LVL1-POS-4001 Datasheet
473Kb / 2P
Outdoor High Power PoE Splitter (12V)
POS-4002 LVL1-POS-4002 Datasheet
193Kb / 2P
24V AC High Power PoE Splitter
logo
Red Lion Controls. Inc
EB-PD REDLION-EB-PD Datasheet
611Kb / 2P
Industrial PoE Splitter
100_POE_SPL REDLION-100_POE_SPL Datasheet
357Kb / 2P
PoE Splitter
logo
Advantech Co., Ltd.
EKI-2701PSI-AE ADVANTECH-EKI-2701PSI-AE Datasheet
219Kb / 1P
Industrial PoE Splitter with Wide Temperature
logo
Microchip Technology
PD-9501G-SFP MICROCHIP-PD-9501G-SFP Datasheet
494Kb / 2P
PoE Media Converter, 60W PoE Output
7/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com