Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

POE-SPLT Datasheet(PDF) 1 Page - Tycon Systems, Inc.

Part # POE-SPLT
Description  PoE Splitter / Voltage Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

POE-SPLT Datasheet(HTML) 1 Page - Tycon Systems, Inc.

  POE-SPLT Datasheet HTML 1Page - Tycon Systems, Inc. POE-SPLT Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PoE Splitter / Voltage Converter
Features
• Converts PoE input to DC or AC output
• Outputs up to 80W
• POE-SPLT-2424AC Runs cameras and other 24VAC 40W devices
from 24VDC PoE and battery systems
• POE-SPLT-4824AC Runs cameras and other 24VAC 80W devices
from 48VDC PoE and battery systems
• POE-SPLT-48xxG Provides 12VDC or 5VDC 25W from standard 802.3at PoE input
• Short Circuit, Over Current and Over Voltage Protection
• High Temperature Operation
Description
The POE-SPLT Active splitters are unique Power over Ethernet adapters which converts a DC PoE input voltage to AC
or DC regulated output voltages. The output is provided on a standard
5.5mm/2.1mm barrel connector on a 14” cable
or in the case of the 80W unit, on a wire terminal connector. Ethernet speeds of 10/100MB and 10/100/1000MB are
available. Inputs and outputs are isolated. They have various protections for surge, short circuit, overload and
overvoltage.
Device Pinouts
– 10/100MB
RJ-45 Input (Data + Power)
RJ-45 Output (Data)
Pin
Symbol
Description
Symbol
Description
1
RX+ / Vin+-
Data Receive(+) & Power
RX+
Data Receive(+)
2
RX- / Vin+-
Data Receive(-) & Power
RX-
Data Receive(-)
3
TX+ / Vin+-
Data Transmit(+) & Power
TX+
Data Transmit(+)
4
Vin+-
Power
NC
No Connection
5
Vin+-
Power
NC
No Connection
6
TX- / Vin+-
Data Transmit(-) & Power
TX-
Data Transmit(-)
7
Vin+-
Power
NC
No Connection
8
Vin+-
Power
NC
No Connection
Device Pinouts
– 10/100/1000MB
RJ-45 Input (Data & Power)
RJ-45 Output (Data)
Pin
Symbol
Description
Symbol
Description
1
BI_DA+, Vin +/-
Data RX+ / Power(+/-)
BI_DA+
Data RX(+)
2
BI_DA-, Vin +/-
Data RX- / Power(+/-)
BI_DA-
Data RX(-)
3
BI_DB+, Vin +/-
Data TX+ / Power(+/-)
BI_DB+
Data TX(+)
4
BI_DC+, Vin +/-
Data RX+ / Power(+/-)
BI_DC+
Data RX(+)
5
BI_DC-, Vin+/-
Data RX- / Power(+/-)
BI_DC-
Data RX(-)
6
BI_DB-, Vin +/-
Data TX- / Power(+/-)
BI_DB-
Data TX(-)
7
BI_DD+, Vin+/-
Data RX+ / Power(+/-)
BI_DD+
Data RX(+)
8
BI_DD-, Vin+/-
Data RX- / Power(+/-)
BI_DD-
Data RX(-)
DATA SHEET
POE-SPLT
Active Splitters
POE-SPLT-2424AC
PoE Converter/Splitter


Similar Part No. - POE-SPLT

ManufacturerPart #DatasheetDescription
logo
Tycon Systems, Inc.
POE-SPLT-2424AC-G TYCONSYSTEMS-POE-SPLT-2424AC-G Datasheet
244Kb / 1P
PoE Splitter / Voltage Converter
POE-SPLT-4812G-P TYCONSYSTEMS-POE-SPLT-4812G-P Datasheet
306Kb / 2P
POE Splitter / Voltage Converter
POE-SPLT-4824AC-GBT TYCONSYSTEMS-POE-SPLT-4824AC-GBT Datasheet
278Kb / 1P
PoE Splitter / Voltage Converter
POE-SPLT-4824G-P TYCONSYSTEMS-POE-SPLT-4824G-P Datasheet
306Kb / 2P
POE Splitter / Voltage Converter
POE-SPLT-4848G-P TYCONSYSTEMS-POE-SPLT-4848G-P Datasheet
306Kb / 2P
POE Splitter / Voltage Converter
More results

Similar Description - POE-SPLT

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2701PSI ADVANTECH-EKI-2701PSI Datasheet
213Kb / 1P
Industrial PoE Splitter with Wide Temperature
logo
Level One
POS-1001 LVL1-POS-1001 Datasheet
559Kb / 3P
5-12V DC Gigabit PoE Splitter
POS-1002 LVL1-POS-1002 Datasheet
707Kb / 3P
5-12V DC PoE Splitter
POS-4000 LVL1-POS-4000 Datasheet
1Mb / 3P
High Power PoE Splitter 12V
POS-4001 LVL1-POS-4001 Datasheet
473Kb / 2P
Outdoor High Power PoE Splitter (12V)
POS-4002 LVL1-POS-4002 Datasheet
193Kb / 2P
24V AC High Power PoE Splitter
logo
Red Lion Controls. Inc
EB-PD REDLION-EB-PD Datasheet
611Kb / 2P
Industrial PoE Splitter
100_POE_SPL REDLION-100_POE_SPL Datasheet
357Kb / 2P
PoE Splitter
logo
Advantech Co., Ltd.
EKI-2701PSI-AE ADVANTECH-EKI-2701PSI-AE Datasheet
219Kb / 1P
Industrial PoE Splitter with Wide Temperature
logo
Microchip Technology
PD-9501G-SFP MICROCHIP-PD-9501G-SFP Datasheet
494Kb / 2P
PoE Media Converter, 60W PoE Output
7/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com