Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPMS24 Datasheet(PDF) 2 Page - Tycon Systems, Inc.

Part # RPMS24
Description  MobileSolarPro®
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.

RPMS24 Datasheet(HTML) 2 Page - Tycon Systems, Inc.

  RPMS24 Datasheet HTML 1Page - Tycon Systems, Inc. RPMS24 Datasheet HTML 2Page - Tycon Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MobileSolarPro®
RPMS24 Series MobileSolarPro
® Spec Rev 3 11-Jul-23
Specifications Subject to Change Without Notice
Page 2
Specifications
System Ordering:
Model #
Frame
Type
Solar
Panel
Output
Solar
Array
Size
Battery
Capacity
Continuous
Power
Generation*
Reserve
Time
Grid
Charge
Time*
Trailer
Weight
Tongue
Weight
RPMS24-360-360
Mini
360W
39 x 77”
360Ah
78W
28hr
4hr
1340lb
139lb
RPMS24-720-720
Standard
720W
79 x 77”
720Ah
157W
27hr
7hr
1650lb
RPMS24-720-1080
Standard
1080W
119 x
77”
720Ah
180W
24hr
7hr
1700lb
RPMS24-1440-720
Standard
720W
79 x 77”
1440Ah
157W
55hr
14hr
2160lb
257lb
RPMS24-1440-1080
Standard
1080W
119 x 77”
1440Ah
236W
36hr
14hr
2210lb
233lb
RPMS24-1440-BEAST
Standard
1440W
79 x 154”
1440Ah
315W
27hr
14hr
2400lb
RPMS24-720-MINI
Mini
720W
79 x 77”
720Ah
157W
27hr
7hr
1650lb
140lb
RPMS24-720-MINI-3P
Mini
1080W
119 x 77”
720Ah
180W
24hr
7hr
1700lb
107lb
RPMS24-1440-MINI
Mini
720W
79 x 77”
1440Ah
157W
55hr
14hr
2160lb
135lb
RPMS24-1440-MINI-3P
Mini
1080W
119 x 77”
1440Ah
236W
36hr
14hr
2210lb
114lb
Batteries
Battery Voltage
24VDC
Battery Type
Maintenance Free Non-Spillable Valve
Regulated Sealed Lead Acid
Battery Life
5+years
Solar Panels
Type
24VDC 360W, Monocrystalline 72 Cell
Modules, 25year Life
Solar Controller
Type
MPPT
– Temperature Compensated,
60A Solar Input, 30A Load Output
Self Consumption
<1W
Overcharge
Protect
32V
Equalize Charge
29.2V
Bulk Charge
28.8V
Float Charge
27.6V
Over-discharge
protect
22V
Over-discharge
recover
24V
Remote Access
Ethernet via TPDIN3 Monitor
WiFi
– Internet connected router req’d
Mobile
– Cellular router with carrier
account SIM
req’d
AC Charging
Input
110/240VAC (Switchable), 50/60Hz,
10A
Remote Monitoring
Type
Web Based, SNMP, 4 Channel
Parameters
Monitored
Solar Panel Volts and Current, Battery
Volts and Current, Load Current,
Temperature
Controls
Connect / Disconnect Load Output,
manually or automated based on
programmable rules.
Alerts
Email alerts based on user
programmable rules
Extension Mast
Type
Pneumatic Locking Aluminum
Lock Positions (4)
9', 12', 15', 18' (2.74, 3.66, 4.57, 5.49m)
Time to full extension
90 seconds Typ (using included integrated air pump)
Top Mounting Area
36" x 2.1" diameter (914 x 53mm)
Top of Mast Enclosure
Type
Aluminum Die Cast
Interior Size
10 x 7.75 x 3” (254 x 197 x 76mm)
Voltages Available
(16AWG Wire)
12VDC 15A Regulated, 56VDC 5A Regulated,
24VDC 15A Unregulated
PoE Ports
5 Port Layer 2 Gigabit PoE Switch
Port 1 = 90W 802.3bt PoE
Port 2-4 = 802.3at 30W PoE+
Port 5 = 24VDC 12W Passive PoE
Equipment Enclosure
Type
Vented Locking Aluminum Diamond Plate
Internal Size
64.5” x 17.5” x 19.5” (1638 x 444 x 495mm)
Voltages Available
Inside Enclosure
56VDC 5A Regulated, 24VDC 30A Un-Regulated,
12VDC 20A Regulated
Mobile Trailer
Construction
Welded Tubular Steel, Powder Coat Painted.
Aluminum diamond plate decking.
Frame Length
Mini: 120” (3m) Standard: 130” (3.3m)
Frame Width
Mini: 72” (1.8m)
Standard: 84” (2.1m)
Deck Size
Mini: 52 x 85.5" (1.3m x 2.2m)
Standard: 77 x 86.5" (2m x 2.2m)
Tongue length
48.5" (1232mm)
Ball Size
2" (50.8mm)
Ground Clearance
13" (330mm)
Solar Panel Height
63" above deck (1600mm)
Wheels
15" (381mm) Polished Aluminum
Suspension
Leaf Spring, 3500lb Axle
Stabilizing Lifts (4)
2000lb (907kg), 3 Position Extension: 0", 15" 36"
(0, 381, 914mm)
Misc
Operating Temp
-22°F to 140°F (-30°C to +60°C)
Wind Speed Rating
90 MPH (40 m/sec)
Warranty
3 Years
For further information contact:
Tyconsystems.com
930 W 14600 S Ste 600
Bluffdale, UT 84065
PH: 801-432-0003
FAX: 801-618-4220
*6hrs peak sun
*@50%
discharge



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com