Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSUSB22 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSUSB22
Description  Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB22 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSUSB22 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB22 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500899
www.fairchildsemi.com
January 2005
Revised June 2005
FSUSB22
Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
General Description
FSUSB22 is a low power high bandwidth switch specially
designed for applications of the switching of high speed
USB 2.0 signals in handset and consumer applications
such as cell phone, digital camera, and notebook with hubs
or controllers of limited USB I/O. The wide bandwidth
(750MHz) of this switch allows signals to pass with mini-
mum edge and phase distortion. Superior channel-to-chan-
nel
crosstalk
results
in
minimal
interference.
It
is
compatible with USB2.0 Hi-Speed standard.
Features
s
40dB OFF Isolation at 250MHz
s
40dB non-adjacent channel crosstalk at 250MHz
s 4.5
: typical On Resistance (RON)
s
3dB bandwidth: 750MHz
s Low power consumption (1uA max)
s Control input: TTL compatible
s Bidirectional operation
s USB Hi-Speed and Full Speed signaling capability
Applications
• Cell phone, PDA, digital camera, and notebook
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Order
Package
Package Description
Number
Number
FSUSB22BQX
MLP016E
16-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241,
2.5 x 3.5mm
FSUSB22QSC
MQA16
16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
FSUSB22QSCX_NL
(Note 1)
MQA16
Pb-Free 16-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
FSUSB22MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
FSUSB22MTCX_NL
(Note 1)
MTC16
Pb-Free 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Similar Part No. - FSUSB22

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB22 FAIRCHILD-FSUSB22 Datasheet
337Kb / 11P
Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
FSUSB22 FAIRCHILD-FSUSB22 Datasheet
552Kb / 12P
Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22BQX FAIRCHILD-FSUSB22BQX Datasheet
337Kb / 11P
Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
FSUSB22BQX FAIRCHILD-FSUSB22BQX Datasheet
552Kb / 12P
Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22MTC FAIRCHILD-FSUSB22MTC Datasheet
337Kb / 11P
Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
More results

Similar Description - FSUSB22

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com