Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC01LCAESCASA220ESS Datasheet(PDF) 2 Page - Huber+Suhner, Inc.

Part # PC01LCAESCASA220ESS
Description  Simplex_LC pushpull-SC_ APC_2.0mm_yellow_SM/A2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

PC01LCAESCASA220ESS Datasheet(HTML) 2 Page - Huber+Suhner, Inc.

  PC01LCAESCASA220ESS Datasheet HTML 1Page - Huber+Suhner, Inc. PC01LCAESCASA220ESS Datasheet HTML 2Page - Huber+Suhner, Inc. PC01LCAESCASA220ESS Datasheet HTML 3Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
DATA SHEET
Assemblies
Simplex_LC pushpull-SC_ APC_2.0mm_yellow_SM/A2
PC01_LCAE_SCAS_A220E_XX.X_SS
Side B / Right
Mechanical Inte ace Standard
IEC 61754-4, TIA 604-3 (SC)
Pe ormance class H+S
S
Polishing
APC
Insertion loss 97%
≤ 0.45 dB
Insertion loss typical
≤ 0.2 dB
Return loss
≥ 65 dB
Fiber Optic Cable
Cable Description
Simplex cable
Fiber quantity
1
Fiber type
E9/125A2
CPR class
Dca-s1a,d0,a1
Strain relief
aramide yarn
Outer tube diameter
1 x 0.9 mm
Outer jacket diameter
2mm
Outer jacket material
PE flame retardant
Tensile strength during installation
400 N
Tensile strength in service
200 N
Min. bending radius during installation
50 mm
Min. bending radius in service
50 mm
Crush resistance during installation
3000 N/dm
Crush resistance in service
1000 N/dm
1000 N/dm
Fire propagation standard
IEC 60332-1-2
IEC 60332-3-25
Technical drawing
hubersuhner.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com