Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCDSSCMSSCMSO220EMM Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # PCDSSCMSSCMSO220EMM
Description  Duplex_SC-SC_MM_2.0mm_orange_OM2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

PCDSSCMSSCMSO220EMM Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  PCDSSCMSSCMSO220EMM Datasheet HTML 1Page - Huber+Suhner, Inc. PCDSSCMSSCMSO220EMM Datasheet HTML 2Page - Huber+Suhner, Inc. PCDSSCMSSCMSO220EMM Datasheet HTML 3Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA SHEET
Assemblies
Duplex_SC-SC_MM_2.0mm_orange_OM2
PCDS_SCMS_SCMS_O220E_XX.X_MM
Properties
• One-piece design
for easy and quick
termination
• Push-pull connector
General data
Assembly family
Duplex patch cord - SC to SC
Application Area
Indoor
Fiber quantity
2 pcs
Polarity
A-B / B-A straight polarity
Flammability rating
UL 94 V-0
Operation temperature
-25 °C ... 70°C
Side A / Le
Type
Fiber Optic Connector
Connector family
SC
Gender
Plug
Housing colour FO Connector
Beige
Boot colour
Black
Boot colour
Red
Mating cycles with repeated cleaning
1000
Mechanical Inte ace Standard
IEC 61754-4, TIA 604-3 (SC)
Pe ormance class H+S
M
Polishing
UPC
Insertion loss 97%
≤ 0.25 dB
Insertion loss typical
≤ 0.12 dB
Return loss
≥ 35 dB
Side B / Right
Type
Fiber Optic Connector
Connector family
SC
Gender
Plug
Housing colour FO Connector
Beige
Boot colour
Black
Boot colour
Red
hubersuhner.com


Similar Part No. - PCDSSCMSSCMSO220EMM

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
PCDSSCASSCASA220ESS HUBERSUHNER-PCDSSCASSCASA220ESS Datasheet
412Kb / 3P
Duplex_SC-SC_APC_2.0mm_yellow_SM/A2
PCDSSCUSSCUSA220ESS HUBERSUHNER-PCDSSCUSSCUSA220ESS Datasheet
412Kb / 3P
Duplex_SC-SC_UPC_2.0mm_yellow_SM/A2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com