Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC5945PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5945PWPR
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5945PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TLC5945PWPR Datasheet HTML 1Page - Texas Instruments TLC5945PWPR Datasheet HTML 2Page - Texas Instruments TLC5945PWPR Datasheet HTML 3Page - Texas Instruments TLC5945PWPR Datasheet HTML 4Page - Texas Instruments TLC5945PWPR Datasheet HTML 5Page - Texas Instruments TLC5945PWPR Datasheet HTML 6Page - Texas Instruments TLC5945PWPR Datasheet HTML 7Page - Texas Instruments TLC5945PWPR Datasheet HTML 8Page - Texas Instruments TLC5945PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
PWP
RHB
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
6−BitDotCorrection
12−BitGrayscale
PWMControl
DCRegister
GSRegister
Constant-Current
Driver
LEDOpenDetection
Temperature
ErrorFlag
(TEF)
Max.OUTn
Current
6−BitDotCorrection
12−BitGrayscale
PWMControl
DCRegister
GSRegister
Constant-Current
Driver
LEDOpenDetection
6−BitDotCorrection
12−BitGrayscale
PWMControl
DCRegister
GSRegister
Constant-Current
Driver
LEDOpenDetection
OUT0
OUT1
OUT15
SOUT
SIN
SCLK
IREF
XLAT
GSCLK
BLANK
GND
VCC
MODE
Input
Shift
Register
Input
Shift
Register
MODE
11
0
23
12
191
180
95
90
5
MODE
0
95
96
191
LEDOpen
Detection
(LOD)
6
11
0
192
96
0
1
0
1
0
1
GSCounter
CNT
CNT
CNT
CNT
96
96
Status
Information:
LOD,
TED,
DCDATA
192
0
191
VREF
=1.24V
XERR
TLC5945
SLVS755 – MARCH 2007
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
• Monocolor, Multicolor, Full-Color LED
• 16 Channels
Displays
• 12-bit (4096 Steps) Grayscale PWM Control
• LED Signboards
• Dot Correction
• Display Back-lighting
–
6 bit (64 Steps)
• Drive Capability (Constant-Current Sink)
–
0 mA to 80 mA
The TLC5945 is a 16-channel, constant-current sink,
• LED Power Supply Voltage up to 17 V
LED
driver.
Each
channel
has
an
individually
adjustable 4096-step grayscale PWM brightness
• V
CC = 3.0 V to 5.5 V
control and a 64-step constant-current sink (dot
• Serial Data Interface
correction). The dot correction adjusts the brightness
• 30-MHz Data Transfer Rate
variations between LED channels and other LED
drivers. Both grayscale control and dot correction are
• CMOS Level I/O
accessible via a serial interface. A single external
• Error Information
resistor sets the maximum current value of all 16
–
LOD: LED Open Detection
channels.
–
TEF: Thermal Error Flag
The TLC5945 features two error information circuits.
The LED open detection (LOD) indicates a broken or
disconnected LED at an output terminal. The thermal
error
flag
(TEF)
indicates
an
overtemperature
condition.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC5945PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5945PWPR TI1-TLC5945PWPR Datasheet
1Mb / 30P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results

Similar Description - TLC5945PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5941 TI-TLC5941 Datasheet
513Kb / 23P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940 TI-TLC5940 Datasheet
1Mb / 29P
16 CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1112 AMSCO-AS1112 Datasheet
116Kb / 2P
16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
Texas Instruments
TLC59401 TI-TLC59401 Datasheet
930Kb / 29P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
logo
ams AG
AS1112 AMSCO-AS1112_1 Datasheet
611Kb / 18P
16-Channel LED Driver with Dot Correction and Greyscale PWM
logo
Texas Instruments
TLC5941-Q1 TI-TLC5941-Q1 Datasheet
827Kb / 27P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5940-EP TI1-TLC5940-EP Datasheet
1Mb / 33P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_16 Datasheet
1Mb / 34P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5945 TI1-TLC5945_16 Datasheet
1Mb / 30P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
TLC5941 TI1-TLC5941_17 Datasheet
1Mb / 34P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com