Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTSD1XM202FPB50 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # NTSD1XM202FPB50
Description  NTC for Temperature Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

NTSD1XM202FPB50 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  NTSD1XM202FPB50 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd NTSD1XM202FPB50 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd NTSD1XM202FPB50 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
NTSD1XM202FPB50
Note: This datasheet may be out of date.
Please download the latest datasheet of NTSD1XM202FPB50 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=NTSD1XM202FPB50
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated01/30/2024
Specifications
Resistance (25
℃)
2kΩ
Resistance Value Tolerance
(at 25
℃)
±1%
B-Constant (25/50
℃)
3500K
B-Constant (25/50
℃) 
Tolerance
±0.5%
B-Constant(25/80
℃)
(Reference Value)
3523K
B-Constant(25/85
℃)
(Reference Value)
3526K
B-Constant(25/100
℃)
(Reference Value)
3543K
Maximum Operating Current
(25
℃)
0.32mA
Rated Electric Power (25
℃)
21.0mW
Typical Dissipation Constant
(25
℃)
2.1mW/
℃
Operating Temperature
Range
-40
℃ to 125℃
Thermal Time Constant
7s
Lead Shape
Insulation type
Shape
Lead
Mass
0.16g
MSL
N
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com