Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM647ZUT720 Datasheet(PDF) 63 Page - Texas Instruments

Part # TMS320DM647ZUT720
Description  Digital Media Processor
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647ZUT720 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TMS320DM647ZUT720 Datasheet HTML 59Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 60Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 61Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 62Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 63Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 64Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 65Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 66Page - Texas Instruments TMS320DM647ZUT720 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 166 page
background image
www.ti.com
6.3.6
Preserving Boundary-Scan Functionality on DDR2 Memory Pins
6.4 PLL1 and PLL1 Controller
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372 – MAY 2007
Similarly, when the DDR2 Memory Controller is not used, the VREFSSTL, RSV19, and RSV20 pins can be
connected directly to ground (VSS) to save power. However, this will prevent boundary-scan from
functioning on the DDR2 Memory Controller pins. To preserve boundary-scan functionality on the DDR2
Memory Controller pins, VREFSSTL, RSV11, and RSV12 should be connected as follows:
• V
REFSSTL - connect to a voltage of DVDD18/2. The DVDD18/2 voltage can be generated directly from
the DVDD18 supply using two 1-kΩ resistors to form a resistor divider circuit.
• RSV19 - connect this pin to ground (V
SS) via a 200-Ω resistor.
• RSV20 - connect this pin to the 1.8-V I/O supply (D
VDD18) via a 200-Ω resistor
The primary PLL controller generates the input clock to the C64x+ megamodule (including the CPU) as
well as most of the system peripherals such as the multichannel audio serial ports (McASPs) and the
external memory interface (EMIFA).
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com