Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM647ZUT900 Datasheet(PDF) 55 Page - Texas Instruments

Part # TMS320DM647ZUT900
Description  Digital Media Processor
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647ZUT900 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320DM647ZUT900 Datasheet HTML 51Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 52Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 53Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 54Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 55Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 56Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 57Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 58Page - Texas Instruments TMS320DM647ZUT900 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 166 page
background image
www.ti.com
5.3 Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372 – MAY 2007
Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS (1)
MIN
TYP
MAX
UNIT
High-level output voltage (3.3-V I/O except
VOH
DVDD33 = MIN, IOH = MAX
V
I2C pins)
Low-level output voltage (3.3-V I/O except
DVDD33 = MIN, IOL = MAX
V
I2C pins)
VOL
Low-level output voltage (3.3-V I/O I2C
IO = 3 mA
V
pins)
VI = VSS to DVDD33 without internal resistor
µA
VI = VSS to DVDD33 with internal pullup resistor
µA
Input current [dc]
(2)
II
VI = VSS to DVDD33 with opposing internal
µA
pulldown resistor (2)
Input current [dc] (I2C)
VI = VSS to DVDD33
µA
DDR2
mA
IOH
High-level output current [dc]
All other peripherals
mA
DDR2
mA
IOL
Low-level output current [dc]
All other peripherals
mA
VO = DVDD33 or VSS; internal pull disabled
µA
IOZ
I/O Off-state output current
VO = DVDD33 or VSS; internal pull enabled
µA
CVDD = 1.2-V, DSP clock = 720 MHz
mA
ICDD
Core (CVDD, VDDA_1P1V) supply current(3)
CVDD = 1.2-V, DSP clock = 900 MHz
mA
DVDD = 3.3-V, DSP clock = 720 MHz
mA
IDDD
3.3-V I/O (DVDD33) supply current(3)
DVDD = 3.3-V, DSP clock = 900 MHz
mA
1.8-V I/O (DVDDR2, DDR_VDDDLL,
DVDD = 1.8-V, DSP clock = 720 MHz
mA
IDDD
PLLVPRW18, VDDA_1P8V, MXVDD) supply
DVDD = 1.8-V, DSP clock = 900 MHz
mA
current(3)
CI
Input capacitance
pF
Co
Output capacitance
pF
(1)
For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in the recommended operating conditions table.
(2)
Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
(3)
Measured under the following conditions.
Submit Documentation Feedback
Device Operating Conditions
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com