Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CT0.2-P Datasheet(PDF) 3 Page - LEM

Part # CT0.2-P
Description  Current Transducers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CT0.2-P Datasheet(HTML) 3 Page - LEM

  CT0.2-P Datasheet HTML 1Page - LEM CT0.2-P Datasheet HTML 2Page - LEM CT0.2-P Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimensions CT 0.1 .. 0.4-P (in mm. 1 mm = 0.0394 inch)
061017/9
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 3/3
30
12.6
17.8
20
11.0
4- 0.7
20.3
+Vcc
-Vcc
GND
M
MGND -Vcc+Vcc
2-F 2
2-F 5
Vout
I
17.8
2-Ø5
2-Ø2
+Vcc
-Vcc
GND
M
M GND
-Vcc +Vcc
RL
4- 0.7
(NC)
+Vcc
M
GND
−Vcc
Ip flux-gate
DC
transformer
AC
± 0.3
± 0.3
± 0.3
Mechanical characteristics
• General tolerance
± 1 mm
(Unless otherwise specified in the above drawings.)
• Aperture for primary conductor Ø11 mm
• Connection of secondary
4 pins 0.7 x 0.7 mm2
Recommended PCB hole
1.2 mm
• PCB fixation
2 pins Ø2 mm
Recommended PCB hole
2.2 mm
Remarks
• V
OUT is positive when IP flows in the direction of the
arrow.
• This transducer induces into the primary circuit a
square wave of 500Hz. This voltage can induce an AC
current in the primary if the primary impedance is low.
• Primary impedance ≥10Ω CT0.1-P CT0.2-P CT0.4-P
V
OUT by induced current
≤±0.5% ≤±0.4% ≤±0.2% of I
PN
• Temperature of the primary conductor should not
exceed 100°C.
Safety
This transducer must be used in electric/electronic equipment
with respect to applicable standards and safety requirements
in accordance with the following manufacturer's operating
instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can
carry hazardous voltage (eg. primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious
damage.
This transducer is a built-in device, whose conducting parts
must be inaccessible after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com