Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST6G3237TTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST6G3237TTR
Description  Dual supply level translator for SD/ MINISD / T-FLASH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3237TTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST6G3237TTR Datasheet HTML 3Page - STMicroelectronics ST6G3237TTR Datasheet HTML 4Page - STMicroelectronics ST6G3237TTR Datasheet HTML 5Page - STMicroelectronics ST6G3237TTR Datasheet HTML 6Page - STMicroelectronics ST6G3237TTR Datasheet HTML 7Page - STMicroelectronics ST6G3237TTR Datasheet HTML 8Page - STMicroelectronics ST6G3237TTR Datasheet HTML 9Page - STMicroelectronics ST6G3237TTR Datasheet HTML 10Page - STMicroelectronics ST6G3237TTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ST6G3237
Electrical characteristics
7/17
4
Electrical characteristics
4.1
DC electrical characteristics
●
All A-port I/Os and control inputs are powered by VCCA
●
All B-port I/Os are powered by VCCB
Table 5.
DC specifications
Symbol
Parameter
Test Conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
Min
Typ
Max
Min
Max
VIH
(A port)
High Level
Input Voltage
1.4 – 1.95
VCCA to 3.6
0.65VCCA
0.65VCCA
V
1.95 – 2.7
1.7
1.7
2.7 – 3.6
2.0
2.0
VIL
(A port)
Low Level
Input Voltage
1.4 – 1.95
VCCA to 3.6
0.35VCCA
0.35VCCA
V
1.95 – 2.7
0.7
0.7
2.7 – 3.6
0.8
0.8
VIH
(B port)
High Level
Input Voltage
1.4 to VCCB
1.4 – 1.95
0.65VCCB
0.65VCCB
V
1.95 – 2.7
1.7
1.7
2.7 – 3.6
2.0
2.0
VIL
(B port)
Low Level
Input Voltage
1.4 to VCCB
1.4 – 1.95
0.35VCCB
0.35VCCB
V
1.95 – 2.7
0.7
0.7
2.7 – 3.6
0.8
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com