Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA518 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA518
Description  40V 3.5A quad power half bridge
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA518 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA518 Datasheet HTML 3Page - STMicroelectronics STA518 Datasheet HTML 4Page - STMicroelectronics STA518 Datasheet HTML 5Page - STMicroelectronics STA518 Datasheet HTML 6Page - STMicroelectronics STA518 Datasheet HTML 7Page - STMicroelectronics STA518 Datasheet HTML 8Page - STMicroelectronics STA518 Datasheet HTML 9Page - STMicroelectronics STA518 Datasheet HTML 10Page - STMicroelectronics STA518 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STA518
Pins description
7/19
Table 2.
Functional Pin Status
18
NC
Not connected
19
GND-clean
Logical ground
20
GND-Reg
Ground for regulator Vdd
21 ; 22
Vdd
5V Regulator referred to ground
23
VL
Logic Reference Voltage
24
CONFIG
Configuration pin
25
PWRDN
Stand-by pin
26
TRI-STATE
Hi-Z pin
27
FAULT
Fault pin advisor
28
TH-WAR
Thermal warning advisor
29
IN1A
Input of half bridge 1A
30
IN1B
Input of half bridge 1B
31
IN2A
Input of half bridge 2A
32
IN2B
Input of half bridge 2B
33 ; 34
Vss
5V Regulator referred to +Vcc
Pin Name
Pin N.
Logical value
IC - STATUS
FAULT
27
0
Fault detected (Short circuit,
or Thermal.)
FAULT *
27
1
Normal Operation
TRI-STATE
26
0
All powers in Hi-Z state
TRI-STATE
26
1
Normal operation
PWRDN
25
0
Low consumption
PWRDN
25
1
Normal operation
THWAR
28
0
Temperature of the IC =130C
THWAR(1)
1.
The pin is open collector. To have the high logic value, it needs to be pulled up by a resistor.
28
1
Normal operation
CONFIG
24
0
Normal Operation
CONFIG(2)
2.
To put CONFIG = 1 means connect Pin 24 (CONFIG) to Pins 21, 22 (Vdd) to implemented single BTL
(MONO MODE) operation for high current.
24
1
OUT1A=OUT1B ;
OUT2A=OUT2B
(IF IN1A = IN1B; IN2A = IN2B)
Table 1.
Pin Function (continued)
N°
Pin
Description
35 ; 36
Vcc Sign
Signal Positive supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com