Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B7721 Datasheet(PDF) 4 Page - EPCOS

Part # B7721
Description  Low-Loss Filter for Mobile Communication
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7721 Datasheet(HTML) 4 Page - EPCOS

  B7721 Datasheet HTML 1Page - EPCOS B7721 Datasheet HTML 2Page - EPCOS B7721 Datasheet HTML 3Page - EPCOS B7721 Datasheet HTML 4Page - EPCOS B7721 Datasheet HTML 5Page - EPCOS B7721 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Oct 25, 2002
SAW Components
B7721
942,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -10 to +80 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 200 Ω || 68 nH
min.
typ.
max.
Center frequency
fC
942,5
MHz
Maximum insertion attenuation
α
max
925,0
... 960,0
MHz
2,4
3,0
dB
Amplitude ripple (p-p)
∆α
925,0
... 960,0
MHz
1,1
1,7
dB
Input VSWR
925,0
... 960,0
MHz
2,2
2,4
Output VSWR
925,0
... 960,0
MHz
2,0
2,4
Output phase balance
φ(S31)−φ(S21)
925,0
... 960,0
MHz
-5
5
degree
Output amplitude balance
(|S31/S21|)
925,0
... 960,0
MHz
-0,5
0,5
dB
Diff. to common mode suppression
Ssc12
925,0
... 960,0
MHz
20
38
dB
824,0
... 995,0
MHz
20
29
dB
1648,0
... 1990,0
MHz
20
50
dB
3296,0
... 3980,0
MHz
20
31
dB
Attenuation
α
0,0
... 880,0
MHz
50
64
dB
880,0
... 905,0
MHz
30
37
dB
905,0
... 915,0
MHz
20
26
dB
980,0
...1050,0
MHz
23
29
dB
1050,0
...1850,0
MHz
50
70
dB
1850,0
...1920,0
MHz
50
72
dB
1920,0
...2880,0
MHz
50
64
dB
2880,0
...4000,0
MHz
40
66
dB
4000,0
...6000,0
MHz
40
66
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com