Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYPAS213A1-32LQXQ Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # CYPAS213A1-32LQXQ
Description  EZ-PD™ PAG2S-PS integrated USB PD and synchronous-rectification controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYPAS213A1-32LQXQ Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button CYPAS213A1-32LQXQ Datasheet HTML 17Page - Infineon Technologies AG CYPAS213A1-32LQXQ Datasheet HTML 18Page - Infineon Technologies AG CYPAS213A1-32LQXQ Datasheet HTML 19Page - Infineon Technologies AG CYPAS213A1-32LQXQ Datasheet HTML 20Page - Infineon Technologies AG CYPAS213A1-32LQXQ Datasheet HTML 21Page - Infineon Technologies AG CYPAS213A1-32LQXQ Datasheet HTML 22Page - Infineon Technologies AG CYPAS213A1-32LQXQ Datasheet HTML 23Page - Infineon Technologies AG CYPAS213A1-32LQXQ Datasheet HTML 24Page - Infineon Technologies AG CYPAS213A1-32LQXQ Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Datasheet
21
002-37178 Rev. *B
2023-10-10
EZ-PD™ PAG2S-PS integrated USB PD and
synchronous-rectification controller
Electrical specifications
SR_POWER_UP
Power supply slew rate
during power up
–
–
67
V/ms
–
Fimotol
Frequency variation at
24 and 48 MHz
(trimmed)
–2
2
%
TSTARTIMO
IMO start-up time
–
7µs
TSTARTILO1
ILO start-up time
2
ms
EXTCLKFREQ
External clock input
frequency
16
MHz
EXTCLKDUTY
Duty cycle;
measured at VDD/2
45
55
%
TCLKSWITCH
System clock source
switching time
34
Periods
VRISEIPOR
Power-on-reset (POR)
rising trip voltage
0.72
1.5
V
VFALLIPOR
Power-on-reset (POR)
falling trip voltage
0.62
1.4
VDDD_BOD
Brown-out-detect
(BOD) trip voltage
active/ sleep modes
2.34
3
VCCD_BOD
1.64
2
VCCD_BOD_DPSLP
1.1
2
Timer
SYS_TIM_RES
Sys timer resolution
–
16
–
bits
–
WDT_RES
Watchdog timer
resolution
16
bits
TCPWM
TCPWMFREQ
Operating frequency
–
–
Fc
MHz
Fc max = CLK_SYS
TPWMEXT
Output trigger pulse
widths
2/Fc
–ns
Minimum possible
width of Overflow,
Underflow, and CC
(Counter equals
Compare value)
outputs
TCRES
Resolution of counter
1/Fc
Minimum time between
successive counts
PWMRES
PWM resolution
Minimumpulsewidthof
PWM output
PD transceiver
vSwing
Transmitter output
high voltage
1.05
–
1.2
V
–
vSwing_low
Transmitter output
low voltage
–
0.075
zDriver
Transmitter output
impedance
33
75
Ω
Table 6
Functional block specifications (continued)
Parameter
Description
Min
Typ
Max
Unit
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com