Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-HT112-ICA Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-HT112-ICA
Description  Environmental Meter PCE-HT 112-ICA Incl. ISO Calibration Certificate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT112-ICA Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-HT112-ICA Datasheet HTML 1Page - PCE Instruments. PCE-HT112-ICA Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring function
Temperature
Measuring range      
-30 ... 65°C
/ -22 ... 149°F
(internal)
-40 ... 125°C / -40 ... 257°F (external)
Resolution  
0.1°C / 0.18°F
Accuracy
± 0.3°C / 0.54°F (-10 ... 65°C / 14 ... 149°F) 
± 0.5°C / 0.9°F (remaining range)
 
 
Measuring function       Humidity
Measuring range       
0 ... 100% RH (internal & external)
Resolution
0.1% RH
Accuracy
< 3% (10% ... 90%)
 
> 4% (remaining area)
 
 
Response time
15 min (internal)
5 min (external)
Storage
25920 readings
Storage rates
30s, 60s, 2 min, 5 min, 10 min, 15 min, 20 min, 25 min,
30 min, 1 h or individually adjustable
Measuring interval /
Refresh rate Display       
5 s
Alarm
Adjustable audible alarm
Inferface
USB
Power supply        
3 x 1.5V AAA batteries
5V USB
Battery life
Approx. 1 year (without lighting / without alarm)
Operating                       
conditions         
-30 ... 65°C / -22 ... 149°F
Storage conditions        -30 ... 65°C / -22 ... 149°F (without battery)
Dimension
96 x 108 x 20 mm / 3.8 x 4.3 x 0.8 in
Weight
120 g / < 1 lb
Degree of protection     
  
IP20
 
 
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com