Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-MA200 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-MA200
Description  Analytical Balance PCE-MA 200
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-MA200 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-MA200 Datasheet HTML 1Page - PCE Instruments. PCE-MA200 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Technicalspecifications
Weighingrange
200 g
Readability
1 mg / 0.001 g
Heatingelement
halogenlamp
Temperaturerange
+40 ... +199 °C
Heatingtime
1 ... 99 min. adjustable
Humiditymeasurement range
0 ... 100 %
Readability
0.01 %
Memory
15 dryingprograms
Interface
RS-232
Display
LCD, 9 membranekeys
Powersupply
220 V / 50 Hz or 110 v / 60 Hz
Dimensions
200 x 180 x 380 mm
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com