Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-MWM210 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-MWM210
Description  Wood Moisture Meter PCE-MWM 210
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-MWM210 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-MWM210 Datasheet HTML 1Page - PCE Instruments. PCE-MWM210 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Technical Data:
Measuring Range 0 ... 100 %
Maximum
permissible error
(absolute)
Δ= 0.035 +0.05·W
Temperature
measurement
range
-40 ... +150 °C / -40 ... 302 °F
Operating
temperature
range
-20 ... +80 °C / -4 ... 176 °F
Working mode
continuous operation
Measuring
interval
1 s
Power supply
24 (18 ... 36) VDC
Current
consumption
200 mA
Warm-up time
(start-up)
90 min
Outputs
RS 485 Modbus RTU, 4-20 mA [RS485: max. cable length 1000
m; 4-20 mA: max. cable length 100 m (max. cable length to SPS
unit)]
Inputs
2 x digital 24 VDC
Dimensions
(sensor)
164 х 120 mm / 6.4 x 4.7 in
Dimensionen
(electronics unit)
255 х 170 x 60 mm / 10 x 6.6 x 2.3 in
Protection
(sensor)
IP67
Protection
(electronics unit)
IP54
Weight (sensor) 3.5 kg
An integrated temperature sensor continuously measures the temperature of the
wood products (The r eadings are displayed. These are used internally for
temperature compensation).
Please note that we will need further information to provide a final price for
supply and fit. We will need to know what materials are to be measured, we will
need samples of the material, and we will need a technical drawing showing
where the sensor is to be installed.
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com