Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP2102 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2102
Description  600mA 3MHz Synchronous Step-Down DC-DC Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2102 Datasheet(HTML) 4 Page - Analog Devices

  ADP2102 Datasheet HTML 1Page - Analog Devices ADP2102 Datasheet HTML 2Page - Analog Devices ADP2102 Datasheet HTML 3Page - Analog Devices ADP2102 Datasheet HTML 4Page - Analog Devices ADP2102 Datasheet HTML 5Page - Analog Devices ADP2102 Datasheet HTML 6Page - Analog Devices ADP2102 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Preliminary Technical Data
ADP2102
Rev. PrA | Page 4 of 7
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3.Pin Configuration
Table 4. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
MODE
Mode Input. To set the ADP2102 to Forced Continuous Conduction Mode (CCM), drive MODE high. To set the
ADP2102 to Power Saving Mode (PSM), drive MODE low.
2
EN
Enable Input. Drive EN high to turn on the ADP2102. Drive EN low to turn it off and reduce the input current to 0.1μA.
This pin cannot be left floating.
3
FB/OUT
Output Sense Input or Feedback Input. For fixed output versions, OUT is the top of the internal resistive voltage
divider. Connect OUT to the Output Voltage. For adjustable (non-suffix) versions, FB is the input to the error amplifier.
Drive FB through a resistive voltage divider to set the output voltage. The FB regulation threshold is 0.8V.
4
AGND
Analog Ground. Connect AGND to PGND at a single point as close as to the ADP2102 as possible.
5
PGND
Power Ground.
6
LX
Switch Output. LX is the drain of the p-channel MOSFET switch and n-channel Synchronous rectifier. Connect the
output LC filter between LX and output voltage.
7
PVIN
Power Source Input. Drive PVIN with a 2.7V to 5.5V power source.
8
AVIN
Power Source Input. AVIN is the supply for the ADP2102 internal circuitry. For noise reduction, place an external RC
filter between PVIN and AVIN.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com