Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LISAFIBERPATCHCHASSIS Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # LISAFIBERPATCHCHASSIS
Description  LISA patch chassis, 3U, Black
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

LISAFIBERPATCHCHASSIS Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  LISAFIBERPATCHCHASSIS Datasheet HTML 1Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1/1
DATA SHEET
Chassis
LISA patch chassis, 3U, Black
LISA FIBER PATCH CHASSIS
Properties
General data
Product family
LISA
Mechanical data
Rack height unit
6 U
Ordering Information Table
Item number
Item description
85015637
LISA-PATCH-CHASSIS-3U-HOR-BK
HUBER+SUHNER is certified by ISO 9001, ISO 14001, ISO 45001, IATF 16949, AS/
EN 9100 and ISO/TS 22163-IRIS. Waiver: Facts and figures herein are for
information only and do not represent any warranty of any kind.
DOCUMENT PIM-P17732 / Date of publication: 31.10.2023 / uncontrolled copy
hubersuhner.com


Similar Part No. - LISAFIBERPATCHCHASSIS

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
LISAFIBERCHASSISL1UBK HUBERSUHNER-LISAFIBERCHASSISL1UBK Datasheet
311Kb / 4P
LISA chassis le", 1U, Black
LISAFIBERCHASSISL1UGY HUBERSUHNER-LISAFIBERCHASSISL1UGY Datasheet
331Kb / 4P
LISA chassis le", 1U, Grey
LISAFIBERCHASSISL2UBK HUBERSUHNER-LISAFIBERCHASSISL2UBK Datasheet
362Kb / 3P
LISA chassis le", 2U, Black
LISAFIBERCHASSISL2UGY HUBERSUHNER-LISAFIBERCHASSISL2UGY Datasheet
395Kb / 3P
LISA chassis le", 2U, Grey
LISAFIBERCHASSISL3UBK HUBERSUHNER-LISAFIBERCHASSISL3UBK Datasheet
384Kb / 4P
LISA chassis le", 3U, Black
More results

Similar Description - LISAFIBERPATCHCHASSIS

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ARC-635M AAEON-ARC-635M Datasheet
457Kb / 2P
3U Height 19??Rackmount Chassis
logo
List of Unclassifed Man...
PXIS-2700 ETC1-PXIS-2700 Datasheet
601Kb / 2P
18/14/8-Slot 3U PXI Chassis
PXIS-2508 ETC2-PXIS-2508 Datasheet
659Kb / 1P
8-Slot 3U PXI Chassis with AC
PXIS-2719A ETC2-PXIS-2719A Datasheet
565Kb / 2P
19-Slot 3U PXI Chassis with AC
logo
Cree, Inc
CP10641 CREE-CP10641 Datasheet
413Kb / 5P
Lisa series
FP10996 CREE-FP10996 Datasheet
624Kb / 10P
Lisa series
logo
Ledil, Inc.
C12469-LISA2-R-PIN LEDIL-C12469-LISA2-R-PIN Datasheet
1Mb / 28P
Lisa series
FP13030 LEDIL-FP13030 Datasheet
1Mb / 29P
Lisa Assembly
logo
Adlink Technology Inc.
CPCIS-2501 ADLINK-CPCIS-2501 Datasheet
339Kb / 2P
3U CompactPCI 6-slot Cubic Chassis
PXIS-2719A ADLINK-PXIS-2719A Datasheet
172Kb / 2P
19-Slot 3U PXI Chassis with AC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com