Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LISAPATCHCHASSIS7UHORBK Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # LISAPATCHCHASSIS7UHORBK
Description  LISA patch chassis, 7U, Black
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

LISAPATCHCHASSIS7UHORBK Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  LISAPATCHCHASSIS7UHORBK Datasheet HTML 1Page - Huber+Suhner, Inc. LISAPATCHCHASSIS7UHORBK Datasheet HTML 2Page - Huber+Suhner, Inc. LISAPATCHCHASSIS7UHORBK Datasheet HTML 3Page - Huber+Suhner, Inc. LISAPATCHCHASSIS7UHORBK Datasheet HTML 4Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
DATA SHEET
Chassis
LISA patch chassis, 7U, Black
LISA-PATCH-CHASSIS-7U-HOR-BK
Properties
• Integration of fiber
trays for pigtail splicing,
splice through or passive
component integration
modules
• Up to 72 fiber per height
unit (540 fibers per 7U tray
unit)
• 19" rear-mounting for
improved access to front
• Horizontal fiber tray
mounting maximizes
available height in rack
• For up to 4 conduits per
fiber tray
• Integral service loop for
patch cords
• Horizontal and vertical
patch cord guides
• Integrated patch cord
mandrels for bend radius
protection
• Patch cord retaining ring
ensures safe strain relief
of patch cords as exiting
the unit
General data
Product family
LISA
Suitable for
Fiber Trays
Mechanical data
Dimensions (LxWxH)
264mm x 502mm x 310mm
Rack height unit
7 U
Weight
11.5 kg
Compatibility
CDR
NGR
Mounting type
Rear mounting
Chassis material
Aluminium
hubersuhner.com


Similar Part No. - LISAPATCHCHASSIS7UHORBK

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
LISAPATCHCHASSIS7UHORGY HUBERSUHNER-LISAPATCHCHASSIS7UHORGY Datasheet
629Kb / 4P
LISA patch chassis, 7U, Grey
More results

Similar Description - LISAPATCHCHASSIS7UHORBK

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FP10995 CREE-FP10995 Datasheet
725Kb / 12P
Lisa series
CP10641 CREE-CP10641 Datasheet
413Kb / 5P
Lisa series
FP10996 CREE-FP10996 Datasheet
624Kb / 10P
Lisa series
FP11851 CREE-FP11851 Datasheet
234Kb / 4P
Lisa series
FP11121 CREE-FP11121 Datasheet
397Kb / 7P
Lisa series
CP11626 CREE-CP11626 Datasheet
160Kb / 3P
Lisa series
FP13026 CREE-FP13026 Datasheet
1Mb / 30P
Lisa series
FP13028 CREE-FP13028 Datasheet
1Mb / 30P
Lisa series
logo
Ledil, Inc.
C12469-LISA2-R-PIN LEDIL-C12469-LISA2-R-PIN Datasheet
1Mb / 28P
Lisa series
FP13030 LEDIL-FP13030 Datasheet
1Mb / 29P
Lisa Assembly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com