Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISC015N06NM5LF2 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # ISC015N06NM5LF2
Description  OptiMOSTM 5 Linear FET 2, 60 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC015N06NM5LF2 Datasheet(HTML) 1 Page - Infineon Technologies AG

  ISC015N06NM5LF2 Datasheet HTML 1Page - Infineon Technologies AG ISC015N06NM5LF2 Datasheet HTML 2Page - Infineon Technologies AG ISC015N06NM5LF2 Datasheet HTML 3Page - Infineon Technologies AG ISC015N06NM5LF2 Datasheet HTML 4Page - Infineon Technologies AG ISC015N06NM5LF2 Datasheet HTML 5Page - Infineon Technologies AG ISC015N06NM5LF2 Datasheet HTML 6Page - Infineon Technologies AG ISC015N06NM5LF2 Datasheet HTML 7Page - Infineon Technologies AG ISC015N06NM5LF2 Datasheet HTML 8Page - Infineon Technologies AG ISC015N06NM5LF2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
ISC015N06NM5LF2
Rev.2.1,2023-11-08
Final Data Sheet
1
2
3
4
5
6
7
8
4
3
2
1
5
6
7
8
TDSON-8FL(enlargedsourceinterconnection)
Drain
Pin 5-8
Gate
Pin 4
Source
Pin 1-3
*1
*1: Internal body diode
MOSFET
OptiMOSTM5LinearFET2,60V
Features
•Idealforhot-swap,batteryprotectionande-fuseapplications
•Verylowon-resistanceRDS(on)
•WidesafeoperatingareaSOA
•N-channel,normallevel
•100%avalanchetested
•Pb-freeleadplating;RoHScompliant
•Halogen-freeaccordingtoIEC61249-2-21
Productvalidation
FullyqualifiedaccordingtoJEDECforIndustrialApplications
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS
60
V
RDS(on),max
1.55
m
Ω
ID
275
A
I(VDS=30V,tp=10ms) 8.3
A
Type/OrderingCode
Package
Marking
RelatedLinks
ISC015N06NM5LF2
PG-TDSON-8 FL
15N06LF2
-


Similar Part No. - ISC015N06NM5LF2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC015N06NM5LF INFINEON-ISC015N06NM5LF Datasheet
1Mb / 12P
OptiMOSTM 5 Linear FET, 60 V
Rev. 2.0, 2023-06-06
More results

Similar Description - ISC015N06NM5LF2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB017N10N5LF INFINEON-IPB017N10N5LF Datasheet
1Mb / 11P
OptiMOSTM 5 Linear FET, 100 V
Rev.2.1,2017-02-16
IPB020N10N5LF INFINEON-IPB020N10N5LF Datasheet
1,017Kb / 11P
OptiMOSTM 5 Linear FET, 100 V
Rev.2.1,2017-02-16
IPB033N10N5LF INFINEON-IPB033N10N5LF Datasheet
1,009Kb / 11P
OptiMOSTM 5 Linear FET, 100 V
Rev.2.1,2017-02-16
IPB048N15N5LF INFINEON-IPB048N15N5LF Datasheet
905Kb / 11P
OptiMOSTM 5 Linear FET, 150 V
Rev.2.0,2017-03-29
IPB083N15N5LF INFINEON-IPB083N15N5LF Datasheet
914Kb / 11P
OptiMOSTM 5 Linear FET, 150 V
Rev.2.0,2017-04-04
IPT013N08NM5LF INFINEON-IPT013N08NM5LF Datasheet
771Kb / 11P
OptiMOSTM 5 Linear FET, 80 V
Rev. 2.0, 2021-08-21
IPT008N06NM5LF INFINEON-IPT008N06NM5LF Datasheet
938Kb / 11P
OptiMOSTM 5 Linear FET, 60 V
Rev. 2.1, 2022-09-19
ISC015N06NM5LF INFINEON-ISC015N06NM5LF Datasheet
1Mb / 12P
OptiMOSTM 5 Linear FET, 60 V
Rev. 2.0, 2023-06-06
ISC035N10NM5LF INFINEON-ISC035N10NM5LF Datasheet
1Mb / 12P
OptiMOSTM 5 Linear FET, 100 V
Rev. 2.0, 2023-06-06
ISC025N08NM5LF INFINEON-ISC025N08NM5LF Datasheet
1Mb / 12P
OptiMOSTM 5 Linear FET, 80 V
Rev. 2.0, 2023-06-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com