Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-VM22 Datasheet(PDF) 3 Page - PCE Instruments.

Part # PCE-VM22
Description  Vibration Analyzer PCE-VM 22
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VM22 Datasheet(HTML) 3 Page - PCE Instruments.

  PCE-VM22 Datasheet HTML 1Page - PCE Instruments. PCE-VM22 Datasheet HTML 2Page - PCE Instruments. PCE-VM22 Datasheet HTML 3Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Further specifications for the handheld device
FFT spectrum resolution
400, 800, 1600 lines
Dynamic range
106 dB
A/D converter resolution
24 bit
Storage space
4 GB
Display
128 x 160 pixels
Interfaces
Micro USB interface
Power supply battery
3.7 V, 1000 mAh battery
Battery life
ca. 8 hours
Power supply for power pack
5 V DC, 1 A
Operating conditions
0 ... 50 °C / 32 ... 122 °F, <85% RH, non-
condensing
Storage conditions
-20 ... 60 °C / -4 ... 140 °F, <85% RH, non-
condensing
Dimensions
132 x 70 x 33 mm / 5.2 x 2.7 x 1.3"
Weight
150 g / 5.3 oz
 
 
Vibration sensor specifications  
Sensitivity
100 mV/g
Cable length
ca. 1.5 m / 4.9 ft
Connection
2 pin MIL-DTL-5015
Case material
316L stainless steel
Dimensions
Ø25 x 53 mm / Ø0.98 x 2.08"
Weight
86 g / 3.0 oz
 
 
Magnetic holder specifications  
Diameter
30 mm / 1.18"
Magnetic force
20 kg / 44 lbs
Connection thread
1/4"-28 UNF female
Smallest radius
20 mm / 0.78"
 
 
Infrared and RPM sensor specifications
Cable length
ca. 1.2 m / 3.9 ft
Dimensions
Ø16 x 83 mm / Ø0.63 x 3.26"
Weight
75 g / 2.6 oz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com