Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-VM3D Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-VM3D
Description  Technical Vibration Meter PCE-VM 3D
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VM3D Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-VM3D Datasheet HTML 1Page - PCE Instruments. PCE-VM3D Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCE Americas Inc.
711 Commerce Way
Suite 8
Jupiter
FL-33458
USA
From outside US: +1
Tel: (561) 320-9162
Fax: (561) 320-9176
info@pce-americas.com
PCE Instruments UK Ltd.
Units 12/13
Southpoint Business Park
Ensign way
Hampshire / Southampton
United Kingdom, SO31 4RF
From outside UK: +44
Tel: (0) 2380 98703 0
Fax: (0) 2380 98703 9
info@pce-instruments.com
www.pce-instruments.com/english
www.pce-instruments.com
Technical Vibration Meter PCE-VM 3D
PCE-VM 3D Vibration Meter
for machines and facilities / with internal data storage / analogue interface for head phones
/ with several sensor tips
The PCE-VM 3D Vibration Meter provides quick and simple measurements of acceleration and
displacement to check the acceleration of machines and construction parts, allowing for defects and
larger unbalances to be determined. The PCE-VM 3D Vibration Meter is able to record vibration in three
dimensions: on the x-, y-, and z- axes. With a weight of only 305 g, the PCE-VM 3D Vibration Meter
proves to be a light and easy to use accessory in any workplace, whether it is a larger or smaller
business that needs to measure oscillations in its machines. The determination of errors, defects, or
larger unbalances can increase the life time of machines and engines significantly. By checking the
oscillation movement of your machines by means of the Vibration Meter you can prevent larger
damages by locating the source of any problem. The large display of the PCE-VM 3D Vibration Meter
allows capturing momentary values as well as recording a whole vibration spectrum. The large display
also features background lights and is very eligible. Additional measuring sensors and ISO certification
can be purchased with the Vibration Meter optionally.
•
Measures acceleration and speed
•
Measures rotational speed and frequency
•
LCD display with background lights
•
Large frequency range
•
Three options for display
•
Common mode
•
Spectral mode: shows spectrum
•
Bars to show battery state with alarm function
Technical Specifications
Measuring ranges
Vibration acceleration
0.1 m/s² ... 400.0 m/s² (Peak)
0.3 ft/s² ... 1312.3 ft/s² (Peak)
(0 ... 40 g / 0.09 lb force)
Vibration velocity
0.01 mm/s ... 400.0 mm/s
4.0 x 10-4 in/s ... 15.7 in/s


Similar Part No. - PCE-VM3D

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-VM31 PCE-PCE-VM31 Datasheet
180Kb / 2P
Human Vibration Meter without Sensors PCE-VM 31
PCE-VM31-HA PCE-PCE-VM31-HA Datasheet
264Kb / 2P
Human Vibration Analyzer with Hand-Arm Sensor PCE-VM 31-HA
PCE-VM31-HAWB PCE-PCE-VM31-HAWB Datasheet
292Kb / 2P
Vibration Test Instrument with Hand-Arm and Whole-Body Sensors PCE-VM 31-HAWB
PCE-VM31-WB PCE-PCE-VM31-WB Datasheet
181Kb / 2P
Human Vibration Analyzer with Whole-Body SensorPCE-VM 31-WB
More results

Similar Description - PCE-VM3D

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407850 EXTECH-407850 Datasheet
95Kb / 6P
Heavy Duty Vibration Meter
407860 EXTECH-407860 Datasheet
184Kb / 1P
Heavy Duty Vibration Meter
461880 EXTECH-461880 Datasheet
211Kb / 12P
Vibration Meter and Laser Combination Tachometer
logo
List of Unclassifed Man...
VM110 ETC2-VM110 Datasheet
44Kb / 2P
Hand Held Vibration Meter
logo
Extech Instruments Corp...
407860 EXTECH-407860_15 Datasheet
344Kb / 1P
Heavy Duty Vibration Meter
VB400 EXTECH-VB400 Datasheet
500Kb / 1P
Pen Vibration Meter
VB500 EXTECH-VB500 Datasheet
176Kb / 1P
4-Channel Vibration Meter/Datalogger
logo
Fluke Corporation
FLUKE-805 FLUKE-FLUKE-805 Datasheet
2Mb / 4P
Fluke 805 Vibration Meter
4/2012
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com