Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-MAM2 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-MAM2
Description  Environmental Meter PCE-MAM 2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-MAM2 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-MAM2 Datasheet HTML 1Page - PCE Instruments. PCE-MAM2 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
 
Wind speed
0.4 ... 30 m/s (0.9 ... 67 mph)
Resolution
0.1
Accuracy
± (3% + 0.3 m/s)
 
 
 
 
Temperature
-20 ... 70°C / -4 ... 158°F
Resolution
0.1°
Accuracy
± 1.5°C / 34.7°F
 
 
Units
m/s, km/h, mph, knots, ft/min
Measuring interval
300 ms
Battery life
Approx. 60 h continuous use
Automatic shutdown
After approx. 15 min. of inactivity
Power supply
3 x 1.5V AAA batteries
Operating conditions
-20 ... 60°C / -4 ... 140°F, 10 ... 90%
RH
Dimensions
178.5 x 56 x 30.5 mm / 7 x 2 x 1 in
Weight
Approx. 84 g / < 1 lb
 
 
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com