Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA82C251 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA82C251
Description  CAN transceiver for 24 V systems
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA82C251 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA82C251 Datasheet HTML 1Page - NXP Semiconductors PCA82C251 Datasheet HTML 2Page - NXP Semiconductors PCA82C251 Datasheet HTML 3Page - NXP Semiconductors PCA82C251 Datasheet HTML 4Page - NXP Semiconductors PCA82C251 Datasheet HTML 5Page - NXP Semiconductors PCA82C251 Datasheet HTML 6Page - NXP Semiconductors PCA82C251 Datasheet HTML 7Page - NXP Semiconductors PCA82C251 Datasheet HTML 8Page - NXP Semiconductors PCA82C251 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2000 Jan 13
5
Philips Semiconductors
Product specification
CAN transceiver for 24 V systems
PCA82C251
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); all voltages are referenced to pin 2;
positive input current.
Notes
1. TXD is LOW. Short-circuit protection provided for slew rates up to 5 V/
µs for voltages above +30 V.
2. Short-circuit applied when TXD is HIGH, followed by TXD switched to LOW.
3. In accordance with
“IEC 60747-1”. An alternative definition of virtual junction temperature is:
Tvj =Tamb +Pd × Rth(vj-a), where Rth(vj-a) is a fixed value to be used for the calculation of Tvj. The rating for Tvj limits
the allowable combinations of power dissipation (Pd) and ambient temperature (Tamb).
4. Classification A: human body model; C = 100 pF; R = 1500
Ω; V = ±2500 V.
5. Classification B: machine model; C = 200 pF; R = 0
Ω; V = ±250 V.
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
According to
“SNW-FQ-611 part E”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.3
+7.0
V
Vn
DC voltage at pins 1, 4, 5 and 8
−0.3
VCC + 0.3 V
V6
DC voltage at pin 6 (CANL)
0V<VCC < 5.5 V; TXD HIGH
or floating
−36
+36
V
0V<VCC < 5.5 V; no time
limit; note 1
−36
+36
V
0V<VCC < 5.5 V; no time
limit; note 2
−36
+36
V
V7
DC voltage at pin 7 (CANH)
0V<VCC < 5.5 V; no time limit −36
+36
V
Vtr
transient voltage on pins 6 and 7 see Fig.8
−200
+200
V
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+125
°C
Tvj
virtual junction temperature
note 3
−40
+150
°C
Vesd
electrostatic discharge voltage
note 4
−2500
+2500
V
note 5
−250
+250
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
PCA82C251
100
K/W
PCA82C251T
160
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com