Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA84C646 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA84C646
Description  Microcontrollers for TV tuning control and OSD applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C646 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA84C646 Datasheet HTML 1Page - NXP Semiconductors PCA84C646 Datasheet HTML 2Page - NXP Semiconductors PCA84C646 Datasheet HTML 3Page - NXP Semiconductors PCA84C646 Datasheet HTML 4Page - NXP Semiconductors PCA84C646 Datasheet HTML 5Page - NXP Semiconductors PCA84C646 Datasheet HTML 6Page - NXP Semiconductors PCA84C646 Datasheet HTML 7Page - NXP Semiconductors PCA84C646 Datasheet HTML 8Page - NXP Semiconductors PCA84C646 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
1995 Jun 15
4
Philips Semiconductors
Preliminary specification
Microcontrollers for TV tuning
control and OSD applications
PCA84C646; PCA84C846
2
GENERAL DESCRIPTION
The PCA84C646 and PCA84C846 are 8-bit
microcontrollers with enhanced OSD and VST functions.
The PCA84C646 and PCA84C846 are members of the
PCA84C640 CMOS microcontroller family. They include
the PCF84CXXXA processor core, 6 or 8 kbytes of ROM
and 192 bytes of RAM.
I/O requirements are adequately catered for with
13 general purpose bidirectional I/O lines plus 16 function
combined I/O lines. One 14-bit PWM analog control,
3 AFC inputs (4-bit DAC + comparator) for VST and four
6-bit and 7-bit PWM analog control outputs are provided.
In addition to all these features a master-slave I2C-bus
interface, 2 directly testable lines and an enhanced OSD
facility for flexible screen format (maximum of 64 character
types) are also provided.
The on-chip Phase-Locked Loop (PLL) oscillator for OSD
operation considerably reduces the radiation generated by
the RC or LC oscillator. An 8-bit timer is integrated on-chip
with a 5-bit prescaler. Another 8-bit counter with
Schmitt-trigger input is used for clock/timer function
application.
Figure 1 shows the block diagram of the PCA84C646 and
PCA84C846.
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCA84C646P
SDIP42
plastic shrink dual in-line package; 42 leads (600 mil)
SOT270-1
PCA84C846P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com