Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-CSM7 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CSM7
Description  Portable Colour Meter PCE-CSM 7 for quality control / PC software included / Lithium-Ion battery / black and white calibration / measurement modes for different colors /
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CSM7 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CSM7 Datasheet HTML 1Page - PCE Instruments. PCE-CSM7 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCE Americas Inc.
711 Commerce Way
Suite 8
Jupiter
FL-33458
USA
From outside US: +1
Tel: (561) 320-9162
Fax: (561) 320-9176
info@pce-americas.com
PCE Instruments UK Ltd.
Units 12/13
Southpoint Business Park
Ensign way
Hampshire / Southampton
United Kingdom, SO31 4RF
From outside UK: +44
Tel: (0) 2380 98703 0
Fax: (0) 2380 98703 9
info@pce-instruments.com
www.pce-instruments.com/english
www.pce-instruments.com
Portable Colour Meter PCE-CSM 7 for quality control / PC software included / Lithium-Ion battery /
black and white calibration / measurement modes for different colors /
degree of whiteness and yellowness / color measurement of black, white, red, green, yellow and blue
The portable Colour Meter is an all-round applicable device. The portable Colour Meter PCE-CSM 7 allows to
measure different parameter. The portable Colour Meter realize an automatically white and black calibration when it
is switched on. Our portable Colour Meter is formed ergonomic and has a user-friendly surface. It has a little
measurement inaccuracy and is suitable for a professional use. The portable Colour Meter facilitate the work of
producers and other users. Manufacturer are depend on the quality of they products. To achieve and observe the
optical requirements, our portable Colour Meter features the best reliability. When high quantities are to produce, all
products should have the same optic. The portable Colour Meter facilitates therefore the work and protects the
manufacturer against expensive failures. It doesn't matter, which product it is, because our portable Colour Meter
caps a big color gamut for the measurements. The measurements can be analyzed via a software.
- rechargeable Lithium-Ion battery
- automatically white and black calibration
- steady performance
- degree of whiteness
- measurement of different colors
- application at many surfaces
- easy measuring steps
- yellowness


Similar Part No. - PCE-CSM7

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CS10000N PCE-PCE-CS10000N Datasheet
344Kb / 2P
Hanging Scales PCE-CS 10000N
PCE-CS1000LD PCE-PCE-CS1000LD Datasheet
897Kb / 2P
Hanging Scales PCE-CS 1000LD
PCE-CS1000LD-ICA PCE-PCE-CS1000LD-ICA Datasheet
864Kb / 2P
Hanging Scales PCE-CS 1000LD-ICA incl. ISO CalibrationCertificate
PCE-CS1000N PCE-PCE-CS1000N Datasheet
170Kb / 2P
Hanging Scales PCE-CS 1000N
PCE-CS1T PCE-PCE-CS1T Datasheet
1Mb / 2P
Force Gage PCE-CS 1T
More results

Similar Description - PCE-CSM7

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8105 TOSHIBA-TPCS8105_07 Datasheet
255Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
16-Nov-2006
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
16-Jan-2007
TPCS8209 TOSHIBA-TPCS8209_07 Datasheet
190Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
16-Jan-2007
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
16-Nov-2006
TPCS8303 TOSHIBA-TPCS8303_07 Datasheet
213Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Machines and Tools
16-Nov-2006
TPC8028 TOSHIBA-TPC8028 Datasheet
278Kb / 7P
lithium-ion secondary battery Notebook PC Portable electronic equipment
TPC8207 TOSHIBA-TPC8207_07 Datasheet
254Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8210 TOSHIBA-TPC8210_07 Datasheet
275Kb / 7P
Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPCS8303 TOSHIBA-TPCS8303_09 Datasheet
226Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Machines and Tools
logo
Samsung semiconductor
ICR18650-28A SAMSUNG-ICR18650-28A Datasheet
263Kb / 17P
Lithium-ion Battery for Note-PC
1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com