Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-SC09-ICA Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-SC09-ICA
Description  Class I Acoustic Calibrator PCE-SC 09-ICA incl. ISOCalibration Certificate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SC09-ICA Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-SC09-ICA Datasheet HTML 1Page - PCE Instruments. PCE-SC09-ICA Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Class I Acoustic Calibrator PCE-SC 09-ICA incl. ISO
Calibration Certificate
Class I Acoustic Calibrator PCE-SC 09-ICA incl. ISO Calibration Certificate
Sound calibrator for mobile use / For various evaluation filters / Accuracy IEC 942, class 1 / For microphones with different
dimensions 
The acoustic calibrator is a battery powered sound source. With the sound calibrator, direct and fast calibrations of sound level meters and
other systems for noise measurement can be carried out. Sound level sensors of 1, ½ and ¼ inch can be connected to the sound calibrator and
checked via the adapter attachments. 
The calibration frequency for the sound calibrator is 1000 Hz. This is the reference frequency for the internationally standardized evaluation
curves. With this sound calibrator you can calibrate sound measuring devices with weighting filters A, B, C, or D. The calibration pressure for
this sound calibrator is 94 ± 0.3 dB (1 Pa) and 114 ± 0.3 dB (10 Pa). Thus, the sound calibrator is used in quality assurance, for example, to test
sound level meters or in calibration laboratories.
Sound pressure level 94 and 114 db
For weighting filters A, B, C, D
Ready for immediate use
Accuracy class 1, IEC 942
Easy handling
Adapter for various microphones
incl. ISO Calibration Certificate


Similar Part No. - PCE-SC09-ICA

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-SCI-U PCE-PCE-SCI-U Datasheet
338Kb / 5P
Signal Converter PCE-SCI-U
PCE-SCS150 PCE-PCE-SCS150 Datasheet
290Kb / 2P
Benchtop Scale PCE-SCS 150
PCE-SCS30 PCE-PCE-SCS30 Datasheet
252Kb / 2P
Benchtop Scale PCE-SCS 30
PCE-SCS60 PCE-PCE-SCS60 Datasheet
253Kb / 2P
Benchtop Scale PCE-SCS 60
More results

Similar Description - PCE-SC09-ICA

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Molex Electronics Ltd.
53623-1074 MOLEX11-53623-1074 Datasheet
144Kb / 1P
RoHS Certificate of Compliance
1301790387 MOLEX11-1301790387 Datasheet
144Kb / 1P
RoHS Certificate of Compliance
1064152015 MOLEX11-1064152015 Datasheet
37Kb / 1P
RoHS Certificate of Compliance
logo
PHOENIX CONTACT
1405523 PHOENIX-1405523 Datasheet
50Kb / 2P
D-SUB connector - VS-09-PROFIBUS-SC-BK
1654549 PHOENIX-1654549 Datasheet
68Kb / 3P
D-SUB connector - VS-09-PROFIBUS-SC
logo
List of Unclassifed Man...
EAOLEDL128-6 ETC-EAOLEDL128-6 Datasheet
1Mb / 10P
INCL CONTROLLER SSD1309 FOR SPI AND I²C
Issue 02.2022
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com