Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VADDIS888 Datasheet(PDF) 2 Page - Zoran Corporation

Part # VADDIS888
Description  DVD Multimedia Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

VADDIS888 Datasheet(HTML) 2 Page - Zoran Corporation

  VADDIS888 Datasheet HTML 1Page - Zoran Corporation VADDIS888 Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10/05-IN
ZR36888
Vaddis
® 888
Driving the Digital Lifestyle
Driving the Digital Lifestyle
Vaddis
® 888
DVD Processor
Driving the Digital Lifestyle
Driving the Digital Lifestyle
© Copyright 2005 Zoran Corporation’s Vaddis 888 incorporates Macrovision, Dolby and CSS Technologies. To obtain Vaddis 888, the recipient must have the appropriate licenses with these entities. Due to the
programmability of the Vaddis 888, other licenses may be required. The Zoran logo, Vaddis, MVP, SiliconSoftware, StandardsPlus, JPEGXtreme, HDXtreme and ZoranZoom are trademarks of Zoran Corporation. All other
trademarks are property of their respective owners. The information in this document is believed to be reliable, however, Zoran Corporation makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon it. Zoran Corporation does not guarantee that the use of any information contained herein will
not infringe upon patent, trademark, copyright, or rights of third parties. Zoran Corporation reserves the right to make changes in the product and/or specifications, or both, presented in this publication at any time without
notice.
For more information, contact Zoran's Sunnyvale office or the office nearest you:
Key Features
• HDMI1.0 supporting HDCP, direct connectivity to HDTV
• Full DVD-Audio support: CPPM, MLP/LPCM, Audio Watermarking
• SACD2.0 including HD-JPEG
• DivX versions 3.x, 4.x, and 5.1, XviD full-D1 support (with QPEL
and GMC support)
• MPEG-4 720x480 @ 30fps (with QPEL and GMC support)
• Single Pixel Processing (SPP) Progressive Scan Video Output
• Interlaced or progressive Digital Video out
• Accelerated JPEG decoding, simultaneous JPEG and MP3
decoding for slide show
• Supports JPEGXtreme to enable high-resolution image display
• Direct interface to FLASH memory cards (Secure Digital, Memory
stick, Compact Flash, Smart Media and XD) Proprietary video post
processing filters for improving quality of low bit rate MPEG
streams
• Integrated S/PDIF receiver
• Supports: DVD-Video, DVD-Audio, DVD-RW, DVD+RW, CVD,
SuperVCD, VideoCD, DVCD, Audio CD, Kodak
• PictureCD, Dolby Digital, Pro Logic, Pro Logic II, DTS, MPEG 5.1,
HDCD, WMAAudio Decoding ZoranZoom™ and panning
• Image Enhancement: Sharpness and Brightness Adjustments and
Gamma correction
• 8+2 Channels and S/PDIF Audio Outputs
• Virtual Surround Sound, 3D Headphones, Music Modes Enhanced
Karaoke
• Flexible support for OPUs and mechanisms with superior playbility
• Embedded NTSC/PAL encoder w/six 14bit video DACs up to
165Mhz sampling rate
• Software compatible with Vaddis family
• On-Screen Display (OSD) processor with up to 256 entries of
24-bit YUV color palette and 3-bit transparency
• Interfaces for front panel and IR remote I/O
• External Flash/ROM/Peripheral Interfaces
• Supports 32, 64 and 128-Mbit SDRAM configurations
• 256-pin LQFP Package for ZR36886 and ZR36888
• 208-pin LQFP Package for ZR36882
• Enables system power consumption of less than 1W in standby
mode
Traverse
Mechanism
Audio
ADC
POWER
STAGE
FLASH
SDRAM
Front Panel
Buttons, Display, remote, I/F
6 Video DAC
FLASH Cards and
RF
S/PDIF Out
SPEAKER
OUTPUT
(7.1 ch )
DVD-Receiver
Support
2 ch Out
Vaddis 888
ZR36888
DVD
Processor
HDMI/DVI Out
(480P/720P/1080i)
USB2.0 FS
HDD
S/PDIF IN
2 Ch Audio in
DVD Receiver
support
Motor
Drives
Shanghai, China
Zoran China Office
Tel: 86-21-6469-9799
Fax: 86-21-6427-0545
Shenzhen, China
Zoran China Office
Tel: 86-755-8281-5777
Fax: 86-755-8322-0889
Hong Kong
Zoran Asia Pacific Ltd.
Tel: +852-2620-5838
Fax: +852-2620-5238
Israel
Zoran Microelectronics Ltd.
Te l : +972-4-8545-777
Fax: +972-4-8551-550
Japan
Zoran Japan Office
Te l : +81-3-5475-1051
Fax: +81-3-5475-1053
Korea
Zoran Korea Office
Tel: +82-2-761-7471
Fax: +82-2-761-7472
Taiwan
Zoran Taiwan Office
Te l : +886-2-2659-9797
Fax: +886-2-2659-9595



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com