Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RVR-25V101MF80UQ-R2 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # RVR-25V101MF80UQ-R2
Description  VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[VVR] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

RVR-25V101MF80UQ-R2 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  RVR-25V101MF80UQ-R2 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc RVR-25V101MF80UQ-R2 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[VVR] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAVVR101M1TDE7002U (Previous PN: RVR-25V101MF80UQ-R2)
Features
Item Summary
100uF±20%, 25V, φ6.3x7.7mm, SMD
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
1000
Products characteristics table
Capacitance
100 uF ± 20 %
Rated Voltage
25 V
tanδ (max)
0.14
Operating Temp. Range
-40 to +105 ℃
Leakage current (min)
25 uA at 2 min
Rated Ripple (max)
132 mArms at 120 Hz / 105 ℃
Impedance ratio
2
___[-25℃/+20℃]
Impedance ratio
4
___[-40℃/+20℃]
Endurance
2000 hr at 105 ℃
___[Test time]
Endurance
Within ±20% of initial value
___[Capacitance change]
Endurance
200% or less of initial specified value
___[tanδchange]
Shape
Vertical Chip
(SMD)
Type
Standard
RoHS Compliance (10 subst.)
Yes
REACH Compliance (235 subst.)
Yes
Soldering
Reflow
LeadForming/Taping
Taping Embossed
External Dimensions
Dimension φD
φ6.3 ±0.5 mm
Dimension L
7.7 ±0.3 mm
Dimension P (F)
Typ 2 mm
Dimension C (d)
Typ 2.7 mm
2024.01.02
1 / 1


Similar Part No. - RVR-25V101MF80UQ-R2

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RVR-25V101MF80UQ-R2 TAIYO-YUDEN-RVR-25V101MF80UQ-R2 Datasheet
251Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RVR]
More results

Similar Description - RVR-25V101MF80UQ-R2

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RAHVK220M4EDE7002B TAIYO-YUDEN-RAHVK220M4EDE7002B Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
2023.05.15
RAHVK221M1TEH0002B TAIYO-YUDEN-RAHVK221M1TEH0002B Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
2023.05.15
RAHVK470M1UEF7002B TAIYO-YUDEN-RAHVK470M1UEF7002B Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
2023.05.15
RAHVK560M1TDC8002B TAIYO-YUDEN-RAHVK560M1TDC8002B Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
2023.05.15
RAHVK680M1GDE7002B TAIYO-YUDEN-RAHVK680M1GDE7002B Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HVK] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
2023.05.15
RAHV1330M1UDE7002 TAIYO-YUDEN-RAHV1330M1UDE7002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHV1470M4EFF7002 TAIYO-YUDEN-RAHV1470M4EFF7002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHV1561M1TFK5002X TAIYO-YUDEN-RAHV1561M1TFK5002X Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHV1680M1UEH0002 TAIYO-YUDEN-RAHV1680M1UEH0002 Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
RAHV1821M1JFH0002X TAIYO-YUDEN-RAHV1821M1JFH0002X Datasheet
373Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com