Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCA8521 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA8521
Description  Infrared remote control transmitter RC5
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8521 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA8521 Datasheet HTML 6Page - NXP Semiconductors PCA8521 Datasheet HTML 7Page - NXP Semiconductors PCA8521 Datasheet HTML 8Page - NXP Semiconductors PCA8521 Datasheet HTML 9Page - NXP Semiconductors PCA8521 Datasheet HTML 10Page - NXP Semiconductors PCA8521 Datasheet HTML 11Page - NXP Semiconductors PCA8521 Datasheet HTML 12Page - NXP Semiconductors PCA8521 Datasheet HTML 13Page - NXP Semiconductors PCA8521 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1999 Jun 15
10
Philips Semiconductors
Product specification
Infrared remote control transmitter RC5
PCA8521
CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
operating supply voltage
2.0
−
5.5
V
IDD
supply current
VDD =5V; Tamb =25 °C
−−
2mA
IDD(q)
quiescent current
VDD =3V; Tamb =25 °C
−−
1
µA
Tamb
operating ambient temperature
−10
−
+50
°C
Sense lines (input only and will have a weak internal pull-up resistance)
VIL
LOW level input voltage
−−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−−
V
Rpu
pull-up resistance
VDD =2V
50
−
100
k
Ω
Driver lines (output only; open drain; maximum on-resistance when LOW)
Ron
maximum on-resistance
VDD =2V
−−
2k
Ω
Output driver (has a weak pull-up resistance)
Isink
sink current
VDD =2V; Vo =1V
−−
45
mA
Rpu
pull-up resistance
VDD =2V
−−
5k
Ω
Fig.6 ROM schematic diagram.
handbook, full pagewidth
MBH036
M7H
BS2
BS1
BS0
KN5
KN4
KN3
KN2
KN1
KN0
M6H M5H M4H M3H M2H M1H M0H M7L
BANK 7 MSB
M6L M5L M4L M3L M2L M1L M0L
BANK 6 MSB
BANK 5 MSB
BANK 4 MSB
BANK 3 MSB
BANK 2 MSB
BANK 1 MSB
BANK 0 MSB
BANK 7 LSB
BANK 6 LSB
BANK 5 LSB
BANK 4 LSB
BANK 3 LSB
BANK 2 LSB
BANK 1 LSB
BANK 0 LSB
ROM 1K x 8
address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com