Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8536SCG3V02A3CS Datasheet(PDF) 1 Page - Schneider Electric

Part # 8536SCG3V02A3CS
Description  NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, NEMA 1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8536SCG3V02A3CS Datasheet(HTML) 1 Page - Schneider Electric

  8536SCG3V02A3CS Datasheet HTML 1Page - Schneider Electric 8536SCG3V02A3CS Datasheet HTML 2Page - Schneider Electric 8536SCG3V02A3CS Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NEMA Motor Starter, Type S,
nonreversing, Size 1, 27A, 10 HP
at 460 VAC, 5 kA SCCR, 3 phase,
3 pole, melting alloy, 120 VAC coil,
NEMA 1
8536SCG3V02A3CS
Product availability: Non-Stock - Not normally stocked in
distribution facility
Main
Product Type
Motor starter
Product Range
S
Starter Type
Non reversing
Complementary
Nema Size
1
Rated Current
27 A
Number Of Poles
3P
Maximum Voltage Rating
600 V AC
Phase
3 phase
Type Of Overload
Melting alloy 3
Horsepower Rating
7.5 HP 200 V AC
7.5 HP 230 V AC
10 HP 460 V AC
10 HP 575 V AC
Sccr
Circuit-breaker: 5 kA at 600 V AC
Fuse: 5 kA at 600 V AC
Coil Voltage
110 V AC 50 Hz
120 V AC 60 Hz
Control Circuit Type
Separate control circuit
Control Units
2 momentary push-buttons (ON-OFF) and selector switch (HAND-OFF-AUTO)
Pilot Light
Without pilot light
Auxiliary Contacts
Without
Terminal Type
Screw clamp terminals
Height
10.00 in (254.00 mm)
Width
6.00 in (152.40 mm)
Depth
5.56 in (141.22 mm)
Environment
Enclosure Type
NEMA 1 painted sheet steel
Certifications
UL Listed
CSA
NEMA
Product data sheet
Specifications
Feb 14, 2024
1
Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.


Similar Part No. - 8536SCG3V02A3CS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8536SCG3V02A3S SCHNEIDER-8536SCG3V02A3S Datasheet
128Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, 3 pole, melting alloy, 120 VAC coil,
Jul 21, 2022
More results

Similar Description - 8536SCG3V02A3CS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8536SCG3V02S SCHNEIDER-8536SCG3V02S Datasheet
123Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, NEMA 1
Jun 30, 2022
8536SCG3V02ACS SCHNEIDER-8536SCG3V02ACS Datasheet
138Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, NEMA 1
Jul 21, 2022
8536SCG3V02AP1S SCHNEIDER-8536SCG3V02AP1S Datasheet
127Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, NEMA 1
Jul 21, 2022
8536SCG3V02AS SCHNEIDER-8536SCG3V02AS Datasheet
128Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, NEMA 1
Jul 20, 2022
8536SCG3V02CSX20 SCHNEIDER-8536SCG3V02CSX20 Datasheet
138Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, NEMA 1
Jul 21, 2022
8536SCG3V02P1S SCHNEIDER-8536SCG3V02P1S Datasheet
125Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, NEMA 1
Jul 21, 2022
8536SCG3V02SX10 SCHNEIDER-8536SCG3V02SX10 Datasheet
122Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, NEMA 1
Jul 21, 2022
8536SCG3V02SX11 SCHNEIDER-8536SCG3V02SX11 Datasheet
122Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, NEMA 1
Jul 21, 2022
8536SCG3V02SX22 SCHNEIDER-8536SCG3V02SX22 Datasheet
122Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, NEMA 1
Jul 21, 2022
8536SCG3V81FF4T SCHNEIDER-8536SCG3V81FF4T Datasheet
134Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, NEMA 1
Jul 21, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com