Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCE-HT71N-10 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-HT71N-10
Description  Technical Data Logger PCE-HT 71N-10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT71N-10 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-HT71N-10 Datasheet HTML 1Page - PCE Instruments. PCE-HT71N-10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Alarm limit
adjustable
Status indicator
via two LED LEDs (recording data / alarm)
Interface
USB
Software
included with the device
Dew point temperature
calculated by the software once data has been
transmitted (accuracy:±2°C)
Power
3.6V lithium battery
(life: approx. 1 year)
Positioning
- can be wall mounted or placed anywhere on a flat surface
Operating conditions
-40 -40 to 70°C / 0 to 100% r.h.
Enclosure
ABS plastic
Dimensions
101101.5 x 30mm
Weight
25g
Delivery contents:
10 x PCE-HT 71N Data Logger
10 x mains adaptor
10 x battery
10 x software
10 x user's manual



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com