Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCD4440T Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCD4440T
Description  Analog voice scrambler/descrambler
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD4440T Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCD4440T Datasheet HTML 12Page - NXP Semiconductors PCD4440T Datasheet HTML 13Page - NXP Semiconductors PCD4440T Datasheet HTML 14Page - NXP Semiconductors PCD4440T Datasheet HTML 15Page - NXP Semiconductors PCD4440T Datasheet HTML 16Page - NXP Semiconductors PCD4440T Datasheet HTML 17Page - NXP Semiconductors PCD4440T Datasheet HTML 18Page - NXP Semiconductors PCD4440T Datasheet HTML 19Page - NXP Semiconductors PCD4440T Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
1996 Dec 20
16
Philips Semiconductors
Product specification
Analog voice scrambler/descrambler
PCD4440T
13 PACKAGE OUTLINE
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(1)
Z (1)
eHE
LLp
Qy
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
2.65
0.3
0.1
2.45
2.25
0.49
0.36
0.32
0.23
7.65
7.45
7.6
7.4
1.27
10.65
10.00
1.1
1.0
2.0
1.8
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.1
0.45
SOT176-1
91-08-13
95-02-25
X
4
8
θ
A
A1
A2
w M
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
5
1
(A )
3
A
y
0.25
0.10
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.30
0.29
0.30
0.29
0.050
1.45
0.057
0.25
0.01
0.42
0.39
0.043
0.039
0.079
0.071
0.01
0.004
0.043
0.018
0.01
0
5
10 mm
scale
pin 1 index
SO8: plastic small outline package; 8 leads; body width 7.5 mm
SOT176-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com