Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4LC4M16DG-6S/IT Datasheet(PDF) 11 Page - Austin Semiconductor

Part # AS4LC4M16DG-6S/IT
Description  4 MEG x 16 DRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4LC4M16DG-6S/IT Datasheet(HTML) 11 Page - Austin Semiconductor

Back Button AS4LC4M16DG-6S/IT Datasheet HTML 7Page - Austin Semiconductor AS4LC4M16DG-6S/IT Datasheet HTML 8Page - Austin Semiconductor AS4LC4M16DG-6S/IT Datasheet HTML 9Page - Austin Semiconductor AS4LC4M16DG-6S/IT Datasheet HTML 10Page - Austin Semiconductor AS4LC4M16DG-6S/IT Datasheet HTML 11Page - Austin Semiconductor AS4LC4M16DG-6S/IT Datasheet HTML 12Page - Austin Semiconductor AS4LC4M16DG-6S/IT Datasheet HTML 13Page - Austin Semiconductor AS4LC4M16DG-6S/IT Datasheet HTML 14Page - Austin Semiconductor AS4LC4M16DG-6S/IT Datasheet HTML 15Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DRAM
DRAM
DRAM
DRAM
DRAM
AS4LC4M16
Austin Semiconductor, Inc.
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
11
AS4LC4M16
Rev. 1.0 7/02
NOTES:
1. All voltages referenced to V
SS
.
2. This parameter is sampled. V
CC
= +3.3V; f = 1 MHz; T
A
= 25°C.
3. I
CC
is dependent on output loading and cycle rates.
Specified values are obtained with minimum cycle time and the
outputs open.
4. Enables on-chip refresh and address counters.
5. The minimum specifications are used only to indicate cycle
time at which proper operation over the full temperature range
is ensured.
6. An initial pause of 100µs is required after power-up, followed
by eight RAS\ refresh cycles (RAS\-ONLY or CBR with WE\
HIGH), before proper device operation is ensured. The eight
RAS\ cycle wake-ups should be repeated any time the t
REF
refresh requirements is exceeded.
7. AC characteristics assume t
T
= 2.5ns.
8. V
IH
(MIN) and V
IL
(MAX) are reference levels for measuring
timing of input signals. Transition times are measured between
V
IH
and V
IL
(or between V
IL
and V
IH
).
9. In addition to meeting the transition rate specification, all
input signals must transit between V
IH
and V
IL
(or between V
IL
and V
IH
) in a monotonic manner.
10. If CAS\ and RAS\ = V
IH
, data output is High-Z.
11. If CAS\ = V
IL
, data output may contain data from the last
valid READ cycle.
12. Measured with a load equivalent to two TTL gates and
100pF; and V
OL
= 0.8V and V
OH
= 2V.
13. If CAS\ is LOW at the falling edge of RAS\, output data will
be maintained from the previous cycle. To initiate a new cycle
and clear the data-out buffer, CAS\ must be pulsed HIGH
for t
CP
.
14. The t
RCD
(MAX) limit is no longer specified. t
RCD
(MAX)
was specified as a reference point only. If t
RCD
was greater than
the specified t
RCD
(MAX) limit, then access time was controlled
exclusively by t
CAC
(t
RAC
[MIN] no longer applied). With our
without the t
RCD
limit, t
AA
and t
CAC
must always be met.
15. The t
RAD
(MAX) limit is no longer specified. t
RAD
(MAX)
was specified as a reference point only. If t
RAD
was greater than
the specified t
RAD
(MAX) limit, then access time was controlled
exclusively by t
AA
(t
RAC
and t
CAC
no longer applied). With or
without the t
RAD
(MAX) limit, t
AA
, t
RAC
, and t
CAC
must always
be met.
16. Either t
RCH
or t
RRH
must be satisfied for a READ cycle.
17. t
OFF
(MAX) defines the time at which the output achieves
the open circuit condition and is not referenced to V
OH
or V
OL
.
18. t
WCS
, t
RWD
, t
AWD
, and t
CWD
are not restrictive operating
parameters. t
WCS
applies to EARLY WRITE cycles. If
t
WCS
> t
WCS
(MIN), the cycle is an EARLY WRITE cycle and the
data output will remain an open circuit throughout the entire
cycle. t
RWD
, t
AWD
, and t
CWD
define READ-MODIFY-WRITE
cycles. Meeting these limits allows for reading and disabling
output data and then applying input data. OE\ held HIGH and
WE\ taken LOW after CAS\ goes LOW results in a LATE WRITE
(OE\-controlled) cycle. t
WCS
, t
RWD
, t
CWD
, and t
AWD
are not
applicable in a LATE WRITE cycle.
19. These parameters are referenced to CAS\ leading edge in
EARLY WRITE cycles and WE\ leading edge in LATE WRITE
or READ-MODIFY-WRITE operations are not possible.
20. If OE\ is tied permanently LOW, LATE WRITE, or READ-
MODIFY-WRITE operations are not possible.
21. A HIDDEN REFRESH may also be performed after a WRITE
cycle. In this case, WE\ is LOW and OE\ is HIGH.
22. RAS\-ONLY REFRESH that all 4,096 rows of the device be
refreshed at least once every 64ms.
23. CBR REFRESH for the device requires that at least 4,096
cycles be completed every 64ms.
24. The DQs go High-Z during READ cycles once t
OD
or tOFF
occur. If CAS\ stays LOW while OE\ is brought HIGH, the DQs
will go High-Z. If OE\ is brought back LOW (CAS\ still LOW),
the DQs will provide the previous read data.
25. LATE WRITE and READ-MODIFY-WRITE cycles must
have both t
OD
and t
OEH
met (OE\ HIGH during write cycle) in
order to ensure that the output buffers will be open during the
WRITE cycle. If OE\ is taken back LOW while CAS\ remains
LOW, the DQs will remain open.
26. Column address changed once each cycle.
27. The first CAS\ edge to transition LOW.
28. Output parameter (DQx) is referenced to corresponding CAS\
input; DQ0 - DQ7 by CASL\ and DQ8 - DQ15 by CASH\.
29. Each CASx\ must meet minimum pulse width.
30. The last CASx\ edge to transition HIGH.
31. Last falling CASx\ edge to first rising CASx\ edge.
32. Last rising CASx\ edge to first falling CASx\ edge.
33. Last rising CASx\ edge to next cycles last rising CASx\
edge.
34. Last CASx\ to go LOW.
Notes continued on next page.
*64ms for IT version, 32ms for XT version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com