Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS8F128K32 Datasheet(PDF) 21 Page - Austin Semiconductor

Part # AS8F128K32
Description  128K x 32 FLASH FLASH MEMORY ARRAY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS8F128K32 Datasheet(HTML) 21 Page - Austin Semiconductor

Back Button AS8F128K32 Datasheet HTML 14Page - Austin Semiconductor AS8F128K32 Datasheet HTML 15Page - Austin Semiconductor AS8F128K32 Datasheet HTML 16Page - Austin Semiconductor AS8F128K32 Datasheet HTML 17Page - Austin Semiconductor AS8F128K32 Datasheet HTML 18Page - Austin Semiconductor AS8F128K32 Datasheet HTML 19Page - Austin Semiconductor AS8F128K32 Datasheet HTML 20Page - Austin Semiconductor AS8F128K32 Datasheet HTML 21Page - Austin Semiconductor AS8F128K32 Datasheet HTML 22Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS8F128K32
Austin Semiconductor, Inc.
AS8F128K32
Rev. 2.0 5/03
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
21
ORDERING INFORMATION
*AVAILABLE PROCESSES
IT = Industrial Temperature Range
-40oC to +85oC
XT = Extended Temperature Range
-55oC to +125oC
883C = Full Military Processing
-55oC to +125oC
Q = Full QML Processing
-55oC to +125oC
Device Number
Package
Type
Speed
ns
Process
AS8F128K32
Q
-60
/*
AS8F128K32
Q
-70
/*
AS8F128K32
Q
-90
/*
AS8F128K32
Q
-120
/*
AS8F128K32
Q
-150
/*
Device Number
Package
Type
Speed
ns
Process
AS8F128K32
Q1
-60
/*
AS8F128K32
Q1
-70
/*
AS8F128K32
Q1
-90
/*
AS8F128K32
Q1
-120
/*
AS8F128K32
Q1
-150
/*
EXAMPLE: AS8F128K32Q-70/XT
EXAMPLE: AS8F128K32Q1-120/883C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com