Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCD3745 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCD3745
Description  8-bit microcontroller with 4.5 kbytes OTP memory and 32 kHz real-time clock
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3745 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCD3745 Datasheet HTML 5Page - NXP Semiconductors PCD3745 Datasheet HTML 6Page - NXP Semiconductors PCD3745 Datasheet HTML 7Page - NXP Semiconductors PCD3745 Datasheet HTML 8Page - NXP Semiconductors PCD3745 Datasheet HTML 9Page - NXP Semiconductors PCD3745 Datasheet HTML 10Page - NXP Semiconductors PCD3745 Datasheet HTML 11Page - NXP Semiconductors PCD3745 Datasheet HTML 12Page - NXP Semiconductors PCD3745 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
1999 Feb 02
9
Philips Semiconductors
Product specification
8-bit microcontroller with 4.5 kbytes OTP
memory and 32 kHz real-time clock
PCD3745A
6.4
Clock Control Register (CLCR)
Table 3
Clock Control Register (address 20H)
Table 4
Description of CLCR bits
6.5
Frequency Adjustment Register (FAR)
Table 5
Frequency Adjustment Register (address 21H)
Table 6
Description of FAR bits
76543210
SITS
TST2
TST1
ERCO
RUN
ITS
CIF
ECI
BIT
SYMBOL
DESCRIPTION
7
SITS
Second Interrupt Time Select. If SITS = 1 and ITS = 1, then the interrupt time is
1.5 seconds.
6
TST2
Test 2 input. This is a test bit and must be fixed at zero by user software.
5
TST1
Test 1 input. This is a test bit and must be fixed at zero by user software.
4
ERCO
Enable 16 kHz Clock Output. If ERCO = 0, then P1.7/RCO is a port line. If ERCO = 1,
then P1.7/RCO is a 16 kHz clock output. The port instructions for P1.7/RCO are not
inhibited and therefore the state of both the port line and flip-flop may be read in and the
port flip-flop may be written to by port instructions.
3
RUN
Clock Run/Stop. If RUN = 0, then the 32 kHz oscillator is stopped and the divider chain
is reset. If RUN = 1, then the 32 kHz oscillator and the divider chain are running.
2
ITS
Interrupt Time Select. If ITS = 1 and SITS = 0, then the interrupt time is one second. If
ITS = 0 and SITS = X, then the interrupt time is one minute.
1
CIF
Clock Interrupt Flag. Set by hardware, if RTC divider chain overflows (every second,
1.5 second or minute depending on ITS) or by software. Reset: by software.
0
ECI
Enable Clock Interrupt. If ECI = 0, the RTC interrupt is disabled. If ECI = 1, the RTC
interrupt is enabled.
76543210
FAR7
FAR6
FAR5
FAR4
FAR3
FAR2
FAR1
FAR0
BIT
SYMBOL
DESCRIPTION
7
FAR7
The state of these 8-bits determine the frequency adjustment value for the real-time
clock section; see Table 7.
6
FAR6
5
FAR5
4
FAR4
3
FAR3
2
FAR2
1
FAR1
0
FAR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com