Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FRC-1/2-D-MIDI-KB Datasheet(PDF) 1 Page - Festo Corporation.

Part # FRC-1/2-D-MIDI-KB
Description  Air preparation unit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

FRC-1/2-D-MIDI-KB Datasheet(HTML) 1 Page - Festo Corporation.

  FRC-1/2-D-MIDI-KB Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Air preparation unit
FRC-1/2-D-MIDI-KB
Part number: 185811
General operating condition
Data sheet
Feature
Value
Size
Midi
Series
D
Actuator lock
Rotary knob with detent
Mounting position
Vertical +/- 5°
Grade of filtration
40 µm
Condensate drain
Manually rotating
Structural design
Branching module
Pressure switch
Filter regulator with pressure gauge
Proportional standard oil mist lubricator
Max. condensate volume
43 ml
Bowl guard
Metal bowl guard
Symbol
00991504
Pressure gauge
with pressure gauge
Operating pressure
1 bar ... 16 bar
Pressure regulation range
0.5 bar ... 12 bar
Max. pressure hysteresis
0.35 bar
Standard nominal flow rate
2500 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Inert gas
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [7:4:-]
Inert gas
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
2600 g
Type of mounting
Optionally:
Line installation
With accessories
Pneumatic connection 1
G1/2
Pneumatic connection 2
G1/2
Housing material
Die-cast zinc
Material of bowl
PC
2/22/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - FRC-1/2-D-MIDI-KB

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
FRC-1/2-D-MIDI-KB-A FESTO-FRC-1/2-D-MIDI-KB-A Datasheet
96Kb / 1P
Air preparation unit
More results

Similar Description - FRC-1/2-D-MIDI-KB

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
537658 FESTO-537658 Datasheet
91Kb / 2P
Air preparation unit
2/10/22
162753 FESTO-162753 Datasheet
85Kb / 1P
Air preparation unit
8/11/22
186510 FESTO-186510 Datasheet
89Kb / 1P
Air preparation unit
8/11/22
192649 FESTO-192649 Datasheet
83Kb / 1P
Air preparation unit
8/11/22
192658 FESTO-192658 Datasheet
86Kb / 1P
Air preparation unit
8/11/22
173883 FESTO-173883 Datasheet
87Kb / 1P
Air preparation unit
8/16/22
173885 FESTO-173885 Datasheet
87Kb / 1P
Air preparation unit
8/16/22
173891 FESTO-173891 Datasheet
86Kb / 1P
Air preparation unit
8/16/22
159589 FESTO-159589 Datasheet
87Kb / 1P
Air preparation unit
8/17/22
186504 FESTO-186504 Datasheet
86Kb / 1P
Air preparation unit
8/17/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com