Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VT6306 Datasheet(PDF) 49 Page - VIA Technologies, Inc.

Part # VT6306
Description  PCI 1394a Integrated Host Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6306 Datasheet(HTML) 49 Page - VIA Technologies, Inc.

Back Button VT6306 Datasheet HTML 45Page - VIA Technologies, Inc. VT6306 Datasheet HTML 46Page - VIA Technologies, Inc. VT6306 Datasheet HTML 47Page - VIA Technologies, Inc. VT6306 Datasheet HTML 48Page - VIA Technologies, Inc. VT6306 Datasheet HTML 49Page - VIA Technologies, Inc. VT6306 Datasheet HTML 50Page - VIA Technologies, Inc. VT6306 Datasheet HTML 51Page - VIA Technologies, Inc. VT6306 Datasheet HTML 52Page - VIA Technologies, Inc. VT6306 Datasheet HTML 53Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
We Connect
We Connect
We Connect
We Connect
Technologies,Inc.
VT6306 PCI 1394a Host Controller
Revision 1.16 July 19, 2002
-43-
Functional Descriptions
Remote Access and Reply Packets
The VT6306 PHY supports remote access (see Figure 10) to its internal registers. On receipt of a remote access packet addressed
to the node (either from the bus or from the host), the VT6306 PHY will immediately respond with the appropriate remote reply
packet (seeFigure 11). The remote access packet and the reply packet are also forwarded to the local link. The fields in the remote
access and remote reply packets are interpreted as shown in the table below.
Note: Bit 0 (the lsb) is on the left in the above diagram
Figure 10. Remote Access Packet Format
Note: Bit 0 (the lsb) is on the left in the above diagram
Figure 11. Remote Reply Packet Format
Table 10. Remote Access and Remote Reply Packet Fields
Field Name
Meaning
Phy_ID
Physical node identifier of the destination of the packet (type = 1 or 5)
Physical node identifier of the source of the packet (type = 3 or 7)
Type
Type 1 - register read of the base registers
Type 3 - register contents (base registers)
Type 5 - register read of the paged registers
Type 7 - register contents (paged registers)
Page
Page 0 - Port Status Page
Page 1 - Product Identification Page
Page 2 - 6 - these pages are not implemented, the chip always responds with zero
Page 7 contents is reserved for testing
Port
Port. Identify the port for the selected register page. For values 0, 1, 2 and 3, the page is as
defined in Table 5 (PHY Register Page 0 Bit Field Descriptions). For all other values the
VT6306 always responds with zero.
Reg
If type = 1, then reg directly addresses one of the base registers.
If type = 5, then reg addresses 1000b +reg in the selected page and port.
Data
Current value of the VT6306 register addressed by the immediately preceding Remote
Access packet (reserved and unimplemented fields and registers are returned as zero).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com