Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KRTBLFLM71.32 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # KRTBLFLM71.32
Description  This device is especially designed for full color video walls.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBLFLM71.32 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button KRTBLFLM71.32 Datasheet HTML 3Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 4Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 5Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 6Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 7Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 8Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 9Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 10Page - OSRAM GmbH KRTBLFLM71.32 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
KRTB LFLM71.32
DATASHEET
DATASHEET
7 | Version 1.3 | 2022-05-31
Brightness Groups
● blue
Group
Luminous Intensity 1)
Luminous Intensity 1)
I
F = 10 mA
I
F = 10 mA
min.
max.
I
v
I
v
RY
159 mcd
212 mcd
RZ
169 mcd
224 mcd
SS
180 mcd
237 mcd
ST
190 mcd
250 mcd
SU
201 mcd
265 mcd
SV
212 mcd
280 mcd
SW
224 mcd
297 mcd
SX
237 mcd
315 mcd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com