Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KRTLSLPS1.32 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # KRTLSLPS1.32
Description  This device is especially designed for full color RG applications.
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTLSLPS1.32 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button KRTLSLPS1.32 Datasheet HTML 12Page - OSRAM GmbH KRTLSLPS1.32 Datasheet HTML 13Page - OSRAM GmbH KRTLSLPS1.32 Datasheet HTML 14Page - OSRAM GmbH KRTLSLPS1.32 Datasheet HTML 15Page - OSRAM GmbH KRTLSLPS1.32 Datasheet HTML 16Page - OSRAM GmbH KRTLSLPS1.32 Datasheet HTML 17Page - OSRAM GmbH KRTLSLPS1.32 Datasheet HTML 18Page - OSRAM GmbH KRTLSLPS1.32 Datasheet HTML 19Page - OSRAM GmbH KRTLSLPS1.32 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
KRT LSLPS1.32
DATASHEET
DATASHEET
16 | Version 1.2 | 2024-01-29
Dominant Wavelength 6)
Δλ
dom = λdom - λdom(25 °C) = f(Tj); IF = 20 mA
KRTLSLPS1.32
Tj /°C
-10
-8
-6
-4
-2
0
2
4
6
8
∆λ dom /nm
:red
Dominant Wavelength 6)
Δλ
dom = λdom - λdom(25 °C) = f(Tj); IF = 20 mA
KRTLSLPS1.32
-40-20
020406080 100
Tj /°C
-8
-6
-4
-2
0
2
4
6
8
∆λ dom /nm
:truegreen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com