Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

935ATS12FS8MP1FSMVESP Datasheet(PDF) 4 Page - PARKER HANNIFIN CORP

Part # 935ATS12FS8MP1FSMVESP
Description  UHP Stainless Steel Diaphragm Valve Single & Duplex
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARKER [PARKER HANNIFIN CORP]
Direct Link  https://www.parker.com/us/en/home.html
Logo PARKER - PARKER HANNIFIN CORP

935ATS12FS8MP1FSMVESP Datasheet(HTML) 4 Page - PARKER HANNIFIN CORP

  935ATS12FS8MP1FSMVESP Datasheet HTML 1Page - PARKER HANNIFIN CORP 935ATS12FS8MP1FSMVESP Datasheet HTML 2Page - PARKER HANNIFIN CORP 935ATS12FS8MP1FSMVESP Datasheet HTML 3Page - PARKER HANNIFIN CORP 935ATS12FS8MP1FSMVESP Datasheet HTML 4Page - PARKER HANNIFIN CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LitPN: 25000010
Rev: B
Date of Issue 04/2013
© 2009 Parker Hannifin Corporation
OFFER OF SALE:
The items described in this document are hereby offered for sale by Parker-Hannifin Corporation, its subsidiaries or its authorized distributors. This offer and its acceptance are governed
by the provisions stated in the detailed “Offer of Sale” elsewhere in this document or available at www.parker.com/veriflo
WARNING USER RESPONSIBILITY
FAILURE OR IMPROPER SELECTION OR IMPROPER USE OF THE PRODUCTS DESCRIBED HEREIN OR RELATED ITEMS CAN CAUSE DEATH, PERSONAL INJURY AND PROPERTY
DAMAGE. THIS DOCUMENT IS FOR REFERENCE ONLY. PLEASE CONSULT FACTORY FOR LATEST PRODUCT DRAWINGS AND SPECIFICATIONS
This document and other information from Parker-Hannifin Corporation, its subsidiaries and authorized distributors provide product or system options for further investigation by
users having technical expertise.
The user, through its own analysis and testing, is solely responsible for making the final selection of the system and components and assuring that all performance, endurance,
maintenance, safety and warning requirements of the application are met. The user must analyze all aspects of the application, follow applicable industry standards, and follow
the information concerning the product in the current product catalog and in any other materials provided from Parker or its subsidiaries or authorized distributors.
To the extent that Parker or its subsidiaries or authorized distributors provide component or system options based upon data or specifications provided by the user, the user is
responsible for determining that such data and specifications are suitable and sufficient for all applications and reasonably foreseeable uses of the components or systems.
The products described herein, including without limitation, product features, specifications, designs. availability and pricing are subject to change by Parker Hannifin Corp and
it’s subsidiaries at any time without notice.
Proposition 65 Warning: This product contains chemicals known to the state of California to cause cancer or birth defects or other reproductive harm.
!
Functional Performance
Design
Burst Pressure
900 psig (62 barg)
Proof Pressure
450 psig (31 barg)
Flow Capacity
Cv 2.8
Leak Rate
Inboard Test Method
Internal
≤ 4 X 10-9 scc/sec He
External
≤ 2 X 10-10 scc/sec He
Surface Finish
Standard
10 micro inch
Ra
Materials of Construction
Wetted
Body
VeriClean™ 316L Stainless Steel
Diaphragm
316L Stainless Steel
Seal Options
PCTFE (std) or Vespel®
Non-wetted
Stem
416 Stainless Steel
Bushing
Aluminum Silicon Bronze
Knob
Aluminum (Blue)
Operating Conditions
Maximum Pressure
300 psig (21 barg)
Minimum Pressure
Vacuum
Temperature
PCTFE
-40°F to 150°F (-40°C to 65°C)
Vespel®
-40°F to 350°F (-40°C to 177°C)
Bake Out
Open Position
PCTFE
250°F (121°C)
Vespel®
350°F (177°C)
For additional information on materials of construction, functional performance and
operating conditions, please contact factory.
Use mobile device to
scan this QR Code.
Specifications
935A & 935T Series
Vespel® is a registered trademark of DuPont Performance Elastomers L.L.C.
VeriClean™ is a trademark of Parker Hannifin Corporation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com