Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCD5095H Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCD5095H
Description  DECT baseband controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5095H Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCD5095H Datasheet HTML 5Page - NXP Semiconductors PCD5095H Datasheet HTML 6Page - NXP Semiconductors PCD5095H Datasheet HTML 7Page - NXP Semiconductors PCD5095H Datasheet HTML 8Page - NXP Semiconductors PCD5095H Datasheet HTML 9Page - NXP Semiconductors PCD5095H Datasheet HTML 10Page - NXP Semiconductors PCD5095H Datasheet HTML 11Page - NXP Semiconductors PCD5095H Datasheet HTML 12Page - NXP Semiconductors PCD5095H Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1997 Nov 19
9
Philips Semiconductors
Objective specification
DECT baseband controller
PCD5095
6
FUNCTIONAL DESCRIPTION
The PCD509x is a family of single-chip controllers,
designed for use in Digital Enhanced Cordless
Telecommunications systems (DECT). The family is
designed for minimum component-count and minimum
power consumption. All controllers include an embedded
80C51 microcontroller with on-chip memory and I2C-bus
interface. The Philips DECT RF interface is implemented.
The Burst Mode Logic (BML) performs the time-critical
MAC layer functions for applications in DECT handsets
and base stations. The ADPCM transcoding is in
compliance with the CCITT recommendation G.721 and
includes receive and transmit filters.
The PCD5095 is designed for business systems, PABX
and WLL. Two modes can be selected: bidirectional
conversion of three ADPCM channels based on linear
PCM format, the second mode copies four ADPCM
samples, without data processing, into two IOM®-2 data
buffers and vice versa. In both modes the DSP controls
the bidirectional data flow from the radio interface and the
IOM®-2 interface. The 80C51 controls the DECT protocol
and the IOM®-2 interface.
The data flow between radio, DSP and IOM®-2 is
described in the
“PCD5095 DSP user manual”. Basically
the System Data RAM (SDR), the shared memory with
inbound and outbound speech buffers, is the interface to
the DSP and to the radio. Depending on the selected
mode the DSP processes the data stored in the SDR. The
speech buffers are 40 bytes long and each buffer can
hold 80 ADPCM-coded speech samples.
Fig.3 PCD5095 for PABX.
handbook, full pagewidth
HANDSET
(PCD5091)
RF
PCD5095
DECT CORDLESS PABX
IOM-2
INTERFACE
RF
PABX
MGL189
HANDSET
(PCD5091)
RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com