Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC583LP5 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC583LP5
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC583LP5 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC583LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC583LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC583LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC583LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC583LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC583LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC583LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC583LP5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
11
11 - 207
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Frequency vs. Tuning Voltage, Vcc = +5V
Sensitivity vs. Tuning Voltage, Vcc = +5V
SSB Phase Noise vs. Tuning Voltage
Frequency vs. Tuning Voltage, T= 25°C
Output Power
vs. Tuning Voltage, Vcc = +5V
SSB Phase Noise @ Vtune = +5V
9.6
10
10.4
10.8
11.2
11.6
12
12.4
12.8
13.2
13.6
0
1
23
456
7
8
9
10
11
12
13
+25C
+85C
-40C
TUNING VOLTAGE (VOLTS)
HMC583LP5 / 583LP5E
0
100
200
300
400
500
600
700
0
1
2
3
4
5
6
7
8
9
1011
1213
+25C
+85C
-40C
TUNING VOLTAGE (VOLTS)
9.6
10
10.4
10.8
11.2
11.6
12
12.4
12.8
13.2
13.6
01
2
3
4
5
678
9
10
11
12
13
4.75V
5.00V
5.25V
TUNING VOLTAGE (VOLTS)
0
2
4
6
8
10
12
14
16
0
123
456
7
8
9
10
11
12
13
+25C
+85C
-40C
TUNING VOLTAGE (VOLTS)
MMIC VCO w/ HALF FREQUENCY OUTPUT
& DIVIDE-BY-4, 11.5 - 12.8 GHz
v00.0606
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
0
123
456
7
89
10
11
12
13
10kHz OFFSET
100kHz OFFSET
TUNING VOLTAGE (VOLTS)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
3
10
4
10
5
10
6
10
7
+25C
+85C
-40C
OFFSET FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com